Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices AD9656 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 39 of 46
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Notes/
Comments
0x14
Output mode
JTX CS mode:
000 = {overrange || underrange, valid flag},
001 = {overrange, underrange},
010 = {overrange || underrange, blank},
011 = {blank, valid flag},
100 = {blank, blank},
Others = {overrange || underrange,
valid flag}
ADC
output
disable:
0 =
enabled,
1 =
disabled
(local)
Open
Open
Output format:
00 = offset binary,
01 = twos
complement
0x01
Bits[7:5]
are not
applicable
when using
the default
16-bit
resolution.
0x15
Output adjust
Open
Open
Open
Open
Open
Typical CML differential output drive level:
000 = 473 mV p-p,
001 = 524 mV p-p,
010 = 574 mV p-p,
011 = 621 mV p-p (default),
100 = 667 mV p-p,
101 = 716 mV p-p,
110 = 763 mV p-p,
111 = 811 mV p-p
0x03
0x16
Clock phase
control
Open
Input clock phase adjust[2:0]
(value is number of input clock cycles of
phase delay)
Open
Open
Open
Open
0x00
0x18
Input span
select
Internal VREF
adjustment[1:0]:
00 = 1.0 V,
01 = 1.2 V,
10 = 1.3 V,
11 = 1.4 V
Open
Open
Open
Differential span adjustment:
000 = 50% of normal,
001 = 57% of normal,
010 = 67% of normal,
011 = 80% of normal,
100 = normal
0x04
0x19
User Test
Pattern 1 LSB
User Test Pattern 1[7:0]
0x00
0x1A
User Test
Pattern 1 MSB
User Test Pattern 1[15:8]
0x00
0x1B
User Test
Pattern 2 LSB
User Test Pattern 2[7:0]
0x00
0x1C
User Test
Pattern 2 MSB
User Test Pattern 2[15:8]
0x00
0x21
FLEX_SERIAL_
CONTROL
Open
Open
Open
Open
PLL low
rate
mode:
0 = lane
rate ≥
2 Gbps
1 = lane
rate <
2 Gbps
Open
Open
Open
0x00
0x22
FLEX_SERIAL_
CH_STAT
Open
Open
Open
Open
Open
Open
Open
Channel
power-
down
(local)
0x00
0x3A
SYSREF_CTRL
Open
Open
Open
0 = normal
mode,
1 = realign
the lanes
on every
active
SYNCINB±
0 =
realign
the lanes
only
when
SYSREF±
causes a
resync
of the
counters,
1 =
realign
the lanes
on every
SYSREF±
Open
Open
Open
0x00
0x3B
REALIGN_
PATTERN_CTRL
This pattern is written into the FIFO when a lane is being aligned:
00 = lane outputs constant zero, 55 = lane outputs toggling pattern
0x55
0x5E
JESD204B
quick
configuration
0x41 = four converters, one lane; 0x42 = four converters, two lanes; 0x44 = four converters, four lanes; 0x22 = two converters,
two lanes; 0x21 = two converters, one lane; 0x11 = one converter, one lane
0x00
Self
clearing,
always
reads
0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com