Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices AD9656 Datasheet HTML 15Page - Analog Devices AD9656 Datasheet HTML 16Page - Analog Devices AD9656 Datasheet HTML 17Page - Analog Devices AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 14 of 46
TYPICAL PERFORMANCE CHARACTERISTICS
VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 9.7MHz
SNR = 80.1dBFS
SINAD = 78.7dBFS
SFDR = 92dBc
Figure 5. Single-Tone 32k FFT with fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 16.3MHz
SNR = 79.9dBFS
SINAD = 78.3dBFS
SFDR = 89dBc
Figure 6. Single-Tone 32k FFT with fIN = 16.3 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 64MHz
SNR = 78.5dBFS
SINAD = 76.4dBFS
SFDR = 83dBc
Figure 7. Single-Tone 32k FFT with fIN = 64 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 128.1MHz
SNR = 75.3dBFS
SINAD = 73.3dBFS
SFDR = 81dBc
Figure 8. Single-Tone 32k FFT with fIN = 128.1 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 201MHz
SNR = 72.6dBFS
SINAD = 70.2dBFS
SFDR = 76dBc
Figure 9. Single-Tone 32k FFT with fIN = 201 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V
–140
–120
–100
–80
–60
–40
–20
0
0
20
40
60
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 301MHz
SNR = 69.8dBFS
SINAD = 67.5dBFS
SFDR = 74dBc
Figure 10. Single-Tone 32k FFT with fIN = 301 MHz,
fSAMPLE = 125 MSPS, VREF = 1.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com