Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 29 of 46
JESD204B Synchronization Details
The AD9656 is a JESD204B Subclass 1 device and establishes
synchronization of the link through two control signals (SYSREF
and SYNCINB). At the system level, multiple converter devices are
aligned using a common SYSREF signal and device clock (CLK).
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not scrambled until the data transmission phase. The CGS phase
and ILAS phase do not use scrambling.
CGS Phase
The assertion of the SYNCINB signal by the JESD204B Rx for
more than 5 frames and 9 octets informs the JESD204B Tx to
synchronize. To have the AD9656 to respond by initiating the
CGS phase, the SYNCINB signal must be asserted for at least 4
LMFC cycles if no SYSREF realignment is required. As illustrated
in Figure 66, if SYSREF realignment is needed, the SYNCINB
signal must be asserted for at least 6 LMFC cycles. In the CGS
phase, the JESD204B transmit block transmits /K28.5/ characters.
The receiver (external logic device) must find K28.5 characters
in the input data stream using clock and data recovery (CDR)
techniques.
When a certain number of consecutive K28.5 characters are
detected on the link lanes, the receiver initiates a SYSREF edge
so that the AD9656 transmit data establishes a LMFC internally.
The SYSREF edge also resets any sampling edges within the
ADC to align sampling instances to the LMFC. This is important
to maintain synchronization across multiple devices.
The receiver or logic device deasserts the SYNCINB signal applied
to the SYNCINB± pin according to the previously stated timing
requirements.
ILAS Phase
The ILAS phase begins on the second LMFC boundary after
SYNCINB is deasserted; and the ILAS phase contents are as
illustrated in Figure 67. The transmitter sends out the ILAS
according to the JESD204B standard, and the receiver aligns
all lanes of the link and verifies the parameters of the link.
The ILAS phase lasts for four multiframes and includes the
following:
•
Multiframe 1: Begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2: Begins with an /R/ character followed by a
/Q/ [K28.4] character, followed by link configuration
parameters over 14 configuration octets (see Table 12),
and ends with an /A/ character.
•
Multiframe 3: same as Multiframe 1.
•
Multiframe 4: same as Multiframe 1.
During the transmission of the ILAS, all data that is not a K28
control character or a configuration parameter is a repeating ramp
pattern from 0 to 255. In the default state (M = 4, L = 1, K = 32),
there are 256 octets per multiframe, which allows the ramp to
complete within Multiframe 1, 3, and 4. For configurations with
less than 256 octets per multiframe, the ramp continues to rise into
the next multiframe. Multiframe 2 has 14 configuration octets
following a /Q/ character that is transmitted instead of ramp
values. The ramp continues to advance internally while the 14
configuration octets are transmitted and ramp values appear
again after the 14 configuration octets end.
ILAS
USER DATA
CGS
DATA
LMFC
K = CGS CNTL. CHAR.
R = START OF MULTIFRAME.
A = END OF MULTIFRAME.
Q = START OF LINK CFG DATA
LINCFG DATA
K K K R 0 1
2...253
A R Q C...C 15...253 A R
0...253
A R
0...253
A SAMPLE DATA...
Figure 67. ILAS Data Sequence, M = 4, L = 1, K = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com