Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 25 of 46
Another option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 60. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516/AD9517
clock drivers offer excellent jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 60. Differential LVDS Sample Clock (Up to 1 GHz)
In some applications, it is acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 µF capacitor (see
Figure 61).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 61. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9656 contains an input clock divider with the ability to
divide the input clock by integer values from 1 to 8.
The AD9656 clock divider can be synchronized using the
external SYNC input. Bit 0 and Bit 1 of Register 0x109 allow the
clock divider to resynchronize on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to the initial state. This synch-
ronization feature allows multiple devices to have the clock
dividers aligned to guarantee simultaneous input sampling.
Alternatively, SYSREF± can reset the clock divider by setting
Register 0x109 Bit[7]. In this case SYNC is disabled.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a variety
of internal timing signals and, as a result, can be sensitive to the
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9656 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This feature minimizes
performance degradation in cases where the clock input duty
cycle deviates more than the specified ±5% from the nominal 50%
duty cycle. Enabling the DCS function can significantly improve
noise and distortion performance for clock input duty cycles
ranging from 30% to 45% and from 55% to 70%.
Jitter in the rising edge of the input is still of concern and is not
easily reduced by the internal stabilization circuit. The loop has
a time constant associated with it that must be considered in
applications in which the clock rate can change dynamically. A
wait time of 1.5 µs to 5 µs is required after a dynamic clock
frequency increase or decrease before the DCS loop is relocked
to the input signal.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 log10
×
×
J
A t
f
2π
1
In this equation, the rms aperture jitter represents the root sum
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. Intermediate
frequency (IF) under-sampling applications are particularly
sensitive to jitter (see Figure 62).
Treat the clock input as an analog signal in cases where aperture
jitter can affect the dynamic range of the AD9656. Separate power
supplies for clock drivers from the supplies for the ADC output
driver to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock
sources. If the clock is generated from another type of source
(by gating, dividing, or other methods), retime it by the original
clock at the last step.
Refer to the AN-501 Application Note and the AN-756
Application Note for more in depth information about jitter
performance as it relates to ADCs.
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 62. Ideal SNR vs. Analog Input Frequency and Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com