Electronic Components Datasheet Search
  English  ▼

X  

AD9656 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices AD9656 Datasheet HTML 10Page - Analog Devices AD9656 Datasheet HTML 11Page - Analog Devices AD9656 Datasheet HTML 12Page - Analog Devices AD9656 Datasheet HTML 13Page - Analog Devices AD9656 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 9 of 46
Parameter1, 2
Temperature
Min
Typ
Max
Unit
Deterministic Jitter (DJ)
At 6.4 Gbps
25°C
8
ps
Random Jitter (RJ)
At 6.4 Gbps
25°C
1.25
ps rms
Output Rise Time/Fall Time
25°C
50
ps
Differential Termination Resistance
25°C
100
Ω
APERTURE
Aperture Delay (tA)
25°C
1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
135
fs rms
Out of Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
The clock divider can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4
Maximum conversion rate is with the AD9656 not limited by the maximum allowable output data rate. See the Digital Outputs and Timing section for information on
conditions when the conversion rate is limited by the maximum allowable output data rate.
5
Refer to Figure 3 for timing diagram.
6
Typical PLL lock time at 125 MSPS (24 μs + 7680 sample clock periods)
7
Time required for the ADC to return to normal operation from power-down mode.
8
Time required for the JESD204B output to return to normal operation from power-down mode at 125 MSPS (PLL lock time + 13 sample clock periods)
9
Delay required for SYNCINB rising edge/Rx CGS start. See Figure 66.
10
ADC conversion rate cycles.
TIMING SPECIFICATIONS
Table 7.
Parameter
Description
Limit
Unit
SPI TIMING REQUIREMENTS
See Figure 74
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in Figure 74)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in Figure 74)
10
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com