Electronic Components Datasheet Search
  English  ▼

X  

PC107A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 3 Page - ATMEL Corporation

  PC107A Datasheet HTML 1Page - ATMEL Corporation PC107A Datasheet HTML 2Page - ATMEL Corporation PC107A Datasheet HTML 3Page - ATMEL Corporation PC107A Datasheet HTML 4Page - ATMEL Corporation PC107A Datasheet HTML 5Page - ATMEL Corporation PC107A Datasheet HTML 6Page - ATMEL Corporation PC107A Datasheet HTML 7Page - ATMEL Corporation PC107A Datasheet HTML 8Page - ATMEL Corporation PC107A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
PC107A [Preliminary]
2137C–HIREL–03/04
General Parameters
The following list provides a summary of the general parameters of the PC107A:
Technology
0.29 µm CMOS, five-layer metal
Die size
50 mm
2
Transistor count
0.96 million
Logic design
Fully-static
Package
Surface mount 503 Plastic Ball Grid Array (C4/PBGA)
Core power supply
2.5 ±5% V DC (nominal; see Table 3 on page 12 for
recommended operating conditions)
I/O power supply
3.0 to 3.6V DC
Features
The PC107A provides an integrated high-bandwidth, high-performance interface
between up to two 60x processors, the PCI bus, and main memory. This section sum-
marizes the features of the PC107A. Major features of the PC107A are as follows:
•
Memory Interface
–
64-/32-bit 100 MHz bus
–
Programmable timing supporting either FPM DRAM, EDO DRAM or SDRAM
–
High-bandwidth bus (32-/64-bit data bus) to DRAM
–
Supports one to eight banks of 4-, 16-, 64-, or 128-Mbit memory devices,
and up to four banks of 256 Mbit SDRAM devices
–
Supports 1M byte to 1 Gbyte DRAM memory
–
144M bytes of ROM space
–
8-, 32-, or 64-bit ROM
–
Write buffering for PCI and processor accesses
–
Supports normal parity, read-modify-write (RMW), or ECC
–
Data-path buffering between memory interface and processor
–
Low-voltage TTL logic (LVTTL) interfaces
–
Port X: 8-, 32-, or 64-bit general-purpose I/O port using ROM controller
interface with programmable address strobe timing
•
32-bit PCI Interface Operating up to 66 MHz
–
PCI 2.1-compliant
–
PCI 5.0V tolerance
–
Support for PCI locked accesses to memory
–
Support for accesses to PCI memory, I/O, and configuration spaces
–
Selectable big- or little-endian operation
–
Store gathering of processor-to-PCI write and PCI-to-memory write
accesses
–
Memory prefetching of PCI read accesses
–
Selectable hardware-enforced coherency
–
PCI bus arbitration unit (five request/grant pairs)
–
PCI agent mode capability
–
Address translation unit
–
Some internal configuration registers accessible from PCI
•
Two-channel Integrated DMA Controller (Writes to ROM/Port × Not Supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com