Electronic Components Datasheet Search
  English  ▼

X  

PC107A Datasheet(PDF) 33 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button PC107A Datasheet HTML 29Page - ATMEL Corporation PC107A Datasheet HTML 30Page - ATMEL Corporation PC107A Datasheet HTML 31Page - ATMEL Corporation PC107A Datasheet HTML 32Page - ATMEL Corporation PC107A Datasheet HTML 33Page - ATMEL Corporation PC107A Datasheet HTML 34Page - ATMEL Corporation PC107A Datasheet HTML 35Page - ATMEL Corporation PC107A Datasheet HTML 36Page - ATMEL Corporation PC107A Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
PC107A [Preliminary]
2137C–HIREL–03/04
Table 16 provides the two-wire interface output AC timing specifications for the PC107A.
At recommended operating conditions (see Table 3 on page 12) with GV
DD = 3.3V ± 5%
and LV
DD = 3.3 ±0.3V
Notes:
1. Units for these specifications are in SDRAM_CLK/CPU_CLK units.
2. The actual values depend on the setting of the Digital Filter Frequency Sampling Rate (DFFSR) bits in the Frequency
Divider Register I2CFDR. Therefore, the noted timings in the above table are all relative to qualified signals. The qualified
SCL and SDA are delayed signals from what is seen in real time on the two-wire interface bus. The qualified SCL, SDA sig-
nals are delayed by the SDRAM_CLK/CPU_CLK clock times DFFSR times 2 plus 1 SDRAM_CLK/CPU_CLK clock. The
resulting delay value is added to the value in the table (where this note is referenced). See Figure 19 on page 34.
3. Since SCL and SDA are open-drain type outputs, which the PC107A can only drive low, the time required for SCL or SDA to
reach a high level depends on external signal capacitance and pull-up resistor values.
4. Specified at a nominal 50 pF load.
5. D
FDR is the decimal divider number indexed by FDR[5:0] value. Refer to the two-wire Interface chapter’s Serial Bit Clock Fre-
quency Divider Selections table. FDR[x] refers to the Frequency Divider Register I2CFDR bit x. N is equal to a variable
number that would make the result of the divide (Data Hold Time value) equal to a number less than 16. M is equal to a vari-
able number that would make the result of the divide (Data Hold Time value) equal to a number less than 9.
Figure 18. Two-wire Interface Timing Diagram II
Table 16. Two-wire Interface Output AC Timing Specifications
Num
Characteristics
Min
Max
Unit
Notes
1
Start condition hold time
(FDR[5] == 0)
× (D
FDR/16) / 2N +
(FDR[5] == 1)
× (D
FDR/16) / 2M
–CLKs
(1)(2)(5)
2
Clock low period
DFDR / 2
–
CLKs
(1)(2)(5)
3
SCL/SDA rise time (from 0.5V to 2.4V)
–
–
mS
(3)
4
Data hold time
8.0 + (16
× 2FDR[4:2]) × (5 -
4({FDR[5],FDR[1]} == b’10) -
3({FDR[5],FDR[1]} == b’11) -
2({FDR[5],FDR[1]} == b’00) -
1({FDR[5],FDR[1]} == b’01))
–CLKs
(1)(2)(5)
5
SCL/SDA fall time (from 2.4V to 0.5V)
–
< 5
ns
(4)
6
Clock high time
DFDR / 2
–
CLKs
(1)(2)(5)
7
Data setup time (PC107A as a master only)
(D
FDR / 2) - (Output data hold time)
–
CLKs
(1)(5)
8
Start condition setup time (for repeated start
condition only)
DFDR + (Output start condition hold
time)
–CLKs
(1)(2)(5)
9
Stop condition setup time
4.0
–
CLKs
(1)(2)
SCL
SDA
VM
VM
6
2
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com