Electronic Components Datasheet Search
  English  ▼

X  

PC107A Datasheet(PDF) 39 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button PC107A Datasheet HTML 35Page - ATMEL Corporation PC107A Datasheet HTML 36Page - ATMEL Corporation PC107A Datasheet HTML 37Page - ATMEL Corporation PC107A Datasheet HTML 38Page - ATMEL Corporation PC107A Datasheet HTML 39Page - ATMEL Corporation PC107A Datasheet HTML 40Page - ATMEL Corporation PC107A Datasheet HTML 41Page - ATMEL Corporation PC107A Datasheet HTML 42Page - ATMEL Corporation PC107A Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
39
PC107A [Preliminary]
2137C–HIREL–03/04
Mechanical Dimensions
Figure 28 shows the top surface, side profile, and pinout of the PC107A, 503 PBGA
package.
Figure 28. PC107A Package Dimensions and Pinout Assignments
24Xe
D1
A
Notes: 1. Dimensioning and tolerancing per A.
2. Dimensions in millimeters.
3. Dimension b is the maximum solder ball diameter measured parallel to datum A.
4. D2 and E2 define the area occupied on the die and underfill actual size of this area may be smaller than shown.
D3 and E3 are the minimum clearance from the package edge to the chip capacitors.
5. Capacitors may not be present on all devices.
6. Caution must be taken not to short expose metal capacitor pads on package top.
0.2 A
Millimeters
DIM
Min
Max
A
2.75
A1
0.50
0.70
A2
1.00
1.20
A3
0.80
A4
0.82
0.90
b
0.60
0.90
C
33 GSC
D1
30.48 BSC
D2
12.50
D3
3.43
D4
5.00
e
1.27 BSC
E
33 GSC
E1
30.48 BSC
E2
14.50
E3
3.43
E4
9.00
13
5
7
9
11 13 15
17 19 21 23 25
2
6
10 12 14 16
18 20 22 24
AE
A
B
AD
AC
AB
AA
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
C
503 x
∅ b
E1
24Xe
0.3
0.15
C
B
A
A
0.2
4X
0.25 A
//
48
Side View
Bottom View
0.35 A
//
33
12.5 max
5 min
33
14.5 Max
Top View
9 min
B
A1
INDEX
4
C
4
0.9
0.82
1.2
1
2.75 max
0.7
0.5
503X
SEATING
PLANE
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com