Electronic Components Datasheet Search
  English  ▼

X  

PC107A Datasheet(PDF) 32 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button PC107A Datasheet HTML 28Page - ATMEL Corporation PC107A Datasheet HTML 29Page - ATMEL Corporation PC107A Datasheet HTML 30Page - ATMEL Corporation PC107A Datasheet HTML 31Page - ATMEL Corporation PC107A Datasheet HTML 32Page - ATMEL Corporation PC107A Datasheet HTML 33Page - ATMEL Corporation PC107A Datasheet HTML 34Page - ATMEL Corporation PC107A Datasheet HTML 35Page - ATMEL Corporation PC107A Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
PC107A [Preliminary]
2137C–HIREL–03/04
Table 15 provides the two-wire interface Frequency Divider Register (I2CFDR) informa-
tion for the PC107A.
At recommended operating conditions (see Table 3 on page 12) with LV
DD = 3.3V ± 5%
Notes:
1. Values are in kHz unless otherwise specified.
2. FDR Hex and Divider (Dec) values are listed in corresponding order.
3. Multiple Divider (Dec) values will generate the same input frequency but each Divider (Dec) value will generate a unique out-
put frequency as shown in Table 16 on page 33.
Table 15. PC8240 Maximum Two-wire Interface Input Frequency
FDR Hex(2)
Divider (Dec)(2)
Max Two-wire Interface Input Frequency(1)
SDRAM_CLK/
CPU_CLK
at 25 MHz
SDRAM_CLK/
CPU_CLK
at 33 MHz
SDRAM_CLK/
CPU_CLK
at 50 MHz
SDRAM_CLK/
CPU_CLK
at 100 MHz
20, 21
160, 192
862
1.13 MHz
1.72 MHz
3.44 MHz
22, 23, 24, 25
224, 256, 320, 384
555
733
1.11 MHz
2.22 MHz
0, 1
288, 320
409
540
819
1.63 MHz
2, 3, 26, 27, 28, 29
384, 448, 480, 512, 640,
768
324
428
649
1.29 MHz
4, 5
576, 640
229
302
458
917
6, 7, 2A, 2B, 2C, 2D
768, 896, 960, 1024, 1280,
1536
177
234
354
709
8, 9
1152, 1280
121
160
243
487
A, B, 2E, 2F, 30, 31
1536, 1792, 1920, 2048,
2560, 3072
92
122
185
371
C, D
2304, 2560
62
83
125
251
E, F, 32, 33, 34, 35
3072, 3584, 3840, 4096,
5120, 6144
47
62
95
190
10, 11
4608, 5120
32
42
64
128
12, 13, 36, 37, 38, 39
6144, 7168, 7680, 8192,
10240, 12288
24
31
48
96
14, 15
9216, 10240
16
21
32
64
16, 17, 3A, 3B, 3C, 3D
12288, 14336, 15360,
16384, 20480, 24576
12
16
24
48
18, 19
18432, 20480
8
10
16
32
1A, 1B, 3E, 3F
24576, 28672, 30720,
32768
68
12
24
1C, 1D
36864, 40960
4
5
8
16
1E, 1F
49152, 61440
3
4
6
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com