Electronic Components Datasheet Search
  English  ▼

X  

P89LPC935FDH Datasheet(PDF) 48 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
48 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.25 Watchdog timer
The watchdog timer causes a system reset when it underflows as a result of a failure to
feed the timer prior to the timer reaching its terminal count. It consists of a programmable
12-bit prescaler, and an 8-bit down counter. The down counter is decremented by a tap
taken from the prescaler. The clock source for the prescaler is either the PCLK or the
nominal 400 kHz watchdog oscillator. The watchdog timer can only be reset by a
power-on reset. When the watchdog feature is disabled, it can be used as an interval timer
and may generate an interrupt. Figure 22 shows the watchdog timer in Watchdog mode.
Feeding the watchdog requires a two-byte sequence. If PCLK is selected as the watchdog
clock and the CPU is powered-down, the watchdog is disabled. The watchdog timer has a
time-out period that ranges from a few
µs to a few seconds. Please refer to the
P89LPC933/934/935/936 User manual for more details.
8.26 Additional features
8.26.1 Software reset
The SRST bit in AUXR1 gives software the opportunity to reset the processor completely,
as if an external reset or watchdog reset had occurred. Care should be taken when writing
to AUXR1 to avoid accidental software resets.
8.26.2 Dual data pointers
The dual Data Pointers (DPTR) provides two different Data Pointers to specify the address
used with certain instructions. The DPS bit in the AUXR1 register selects one of the two
Data Pointers. Bit 2 of AUXR1 is permanently wired as a logic 0 so that the DPS bit may
be toggled (thereby switching Data Pointers) simply by incrementing the AUXR1 register,
without the possibility of inadvertently altering other bits in the register.
(1) Watchdog reset can also be caused by an invalid feed sequence, or by writing to WDCON not immediately followed by a
feed sequence.
Fig 22. Watchdog timer in Watchdog mode (WDTE = 1)
PRE2
PRE1
PRE0
-
-
WDRUN
WDTOF
WDCLK
WDCON (A7H)
SHADOW REGISTER
PRESCALER
002aaa905
8-BIT DOWN
COUNTER
WDL (C1H)
watchdog
oscillator
PCLK
÷32
MOV WFEED1, #0A5H
MOV WFEED2, #05AH
reset(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com