Electronic Components Datasheet Search
  English  ▼

X  

P89LPC935FDH Datasheet(PDF) 74 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 67Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 68Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 69Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 70Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 71Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 72Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 73Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 74Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 75Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
74 of 75
continued >>
22. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . 2
3
Product comparison overview . . . . . . . . . . . . . 3
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
4.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 5
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 7
7
Logic symbols . . . . . . . . . . . . . . . . . . . . . . . . . 11
8
Functional description . . . . . . . . . . . . . . . . . . 12
8.1
Special function registers . . . . . . . . . . . . . . . . 12
8.2
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . 24
8.3
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.3.1
Clock definitions . . . . . . . . . . . . . . . . . . . . . . . 24
8.3.2
CPU clock (OSCCLK). . . . . . . . . . . . . . . . . . . 24
8.3.3
Low speed oscillator option . . . . . . . . . . . . . . 24
8.3.4
Medium speed oscillator option . . . . . . . . . . . 24
8.3.5
High speed oscillator option . . . . . . . . . . . . . . 24
8.3.6
Clock output . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.4
On-chip RC oscillator option . . . . . . . . . . . . . . 25
8.5
Watchdog oscillator option . . . . . . . . . . . . . . . 25
8.6
External clock input option . . . . . . . . . . . . . . . 25
8.7
CCLK wake-up delay . . . . . . . . . . . . . . . . . . . 27
8.8
CCLK modification: DIVM register . . . . . . . . . 27
8.9
Low power select . . . . . . . . . . . . . . . . . . . . . . 27
8.10
Memory organization . . . . . . . . . . . . . . . . . . . 27
8.11
Data RAM arrangement . . . . . . . . . . . . . . . . . 28
8.12
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
8.12.1
External interrupt inputs . . . . . . . . . . . . . . . . . 28
8.13
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.13.1
Port configurations . . . . . . . . . . . . . . . . . . . . . 30
8.13.1.1
Quasi-bidirectional output configuration . . . . . 30
8.13.1.2
Open-drain output configuration . . . . . . . . . . . 30
8.13.1.3
Input-only configuration . . . . . . . . . . . . . . . . . 31
8.13.1.4
Push-pull output configuration . . . . . . . . . . . . 31
8.13.2
Port 0 analog functions . . . . . . . . . . . . . . . . . . 31
8.13.3
Additional port features. . . . . . . . . . . . . . . . . . 31
8.14
Power monitoring functions. . . . . . . . . . . . . . . 31
8.14.1
Brownout detection . . . . . . . . . . . . . . . . . . . . . 32
8.14.2
Power-on detection . . . . . . . . . . . . . . . . . . . . . 32
8.15
Power reduction modes . . . . . . . . . . . . . . . . . 32
8.15.1
Idle mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
8.15.2
Power-down mode . . . . . . . . . . . . . . . . . . . . . 32
8.15.3
Total Power-down mode . . . . . . . . . . . . . . . . . 33
8.16
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.16.1
Reset vector . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.17
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . 34
8.17.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.17.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.17.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.17.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.17.5
Mode 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.17.6
Timer overflow toggle output . . . . . . . . . . . . . 34
8.18
RTC/system timer. . . . . . . . . . . . . . . . . . . . . . 34
8.19
CCU (P89LPC935/936) . . . . . . . . . . . . . . . . . 35
8.19.1
CCU clock . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.19.2
CCUCLK prescaling . . . . . . . . . . . . . . . . . . . . 35
8.19.3
Basic timer operation . . . . . . . . . . . . . . . . . . . 35
8.19.4
Output compare . . . . . . . . . . . . . . . . . . . . . . . 35
8.19.5
Input capture . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.19.6
PWM operation . . . . . . . . . . . . . . . . . . . . . . . 36
8.19.7
Alternating output mode . . . . . . . . . . . . . . . . . 37
8.19.8
PLL operation . . . . . . . . . . . . . . . . . . . . . . . . . 37
8.19.9
CCU interrupts . . . . . . . . . . . . . . . . . . . . . . . . 38
8.20
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
8.20.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
8.20.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.20.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.20.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.20.5
Baud rate generator and selection . . . . . . . . . 39
8.20.6
Framing error . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.20.7
Break detect . . . . . . . . . . . . . . . . . . . . . . . . . . 40
8.20.8
Double buffering . . . . . . . . . . . . . . . . . . . . . . . 40
8.20.9
Transmit interrupts with double buffering
enabled (modes 1, 2 and 3) . . . . . . . . . . . . . . 40
8.20.10
The 9th bit (bit 8) in double buffering
(modes 1, 2 and 3) . . . . . . . . . . . . . . . . . . . . . 40
8.21
I2C-bus serial interface . . . . . . . . . . . . . . . . . . 41
8.22
SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
8.22.1
Typical SPI configurations . . . . . . . . . . . . . . . 44
8.23
Analog comparators . . . . . . . . . . . . . . . . . . . . 46
8.23.1
Internal reference voltage. . . . . . . . . . . . . . . . 46
8.23.2
Comparator interrupt . . . . . . . . . . . . . . . . . . . 47
8.23.3
Comparators and power reduction modes . . . 47
8.24
Keypad interrupt . . . . . . . . . . . . . . . . . . . . . . . 47
8.25
Watchdog timer . . . . . . . . . . . . . . . . . . . . . . . 48
8.26
Additional features . . . . . . . . . . . . . . . . . . . . . 48
8.26.1
Software reset . . . . . . . . . . . . . . . . . . . . . . . . 48
8.26.2
Dual data pointers . . . . . . . . . . . . . . . . . . . . . 48
8.27
Data EEPROM (P89LPC935/936) . . . . . . . . . 49
8.28
Flash program memory . . . . . . . . . . . . . . . . . 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com