Electronic Components Datasheet Search
  English  ▼

X  

P89LPC935FDH Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
35 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
being used as the CPU clock. If the XTAL oscillator is used as the CPU clock, then the
RTC will use CCLK as its clock source. Only power-on reset will reset the RTC and its
associated SFRs to the default state.
8.19 CCU (P89LPC935/936)
This unit features:
• A 16-bit timer with 16-bit reload on overflow.
• Selectable clock, with prescaler to divide clock source by any integral number
between 1 and 1024.
• Four compare/PWM outputs with selectable polarity.
• Symmetrical/asymmetrical PWM selection.
• Two capture inputs with event counter and digital noise rejection filter.
• Seven interrupts with common interrupt vector (one overflow, two capture,
four compare).
• Safe 16-bit read/write via shadow registers.
8.19.1 CCU clock
The CCU runs on the CCUCLK, which is either PCLK in basic timer mode, or the output of
a Phase-Locked Loop (PLL). The PLL is designed to use a clock source between 0.5 MHz
to 1 MHz that is multiplied by 32 to produce a CCUCLK between 16 MHz and 32 MHz in
PWM mode (asymmetrical or symmetrical). The PLL contains a 4-bit divider to help divide
PCLK into a frequency between 0.5 MHz and 1 MHz.
8.19.2 CCUCLK prescaling
This CCUCLK can further be divided down by a prescaler. The prescaler is implemented
as a 10-bit free-running counter with programmable reload at overflow.
8.19.3 Basic timer operation
The timer is a free-running up/down counter with a direction control bit. If the timer
counting direction is changed while the counter is running, the count sequence will be
reversed. The timer can be written or read at any time.
When a reload occurs, the CCU Timer Overflow Interrupt Flag will be set, and an interrupt
generated if enabled. The 16-bit CCU timer may also be used as an 8-bit up/down timer.
8.19.4 Output compare
There are four output compare channels A, B, C and D. Each output compare channel
needs to be enabled in order to operate and the user will have to set the associated I/O
pin to the desired output mode to connect the pin. When the contents of the timer matches
that of a capture compare control register, the Timer Output Compare Interrupt Flag
(TOCFx) becomes set. An interrupt will occur if enabled.
8.19.5 Input capture
Input capture is always enabled. Each time a capture event occurs on one of the two input
capture pins, the contents of the timer is transferred to the corresponding 16-bit input
capture register. The capture event can be programmed to be either rising or falling edge
triggered. A simple noise filter can be enabled on the input capture by enabling the Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com