Electronic Components Datasheet Search
  English  ▼

X  

P89LPC935FDH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 14Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 15Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 16Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
FMCON
Program flash control (Read)
E4H
BUSY
-
-
-
HVA
HVE
SV
OI
70
0111 0000
Program flash control (Write)
E4H
FMCMD.
7
FMCMD.
6
FMCMD.
5
FMCMD.
4
FMCMD.
3
FMCMD.
2
FMCMD.
1
FMCMD.
0
FMDATA
Program flash data
E5H
00
0000 0000
I2ADR
I2C slave address register
DBH
I2ADR.6
I2ADR.5
I2ADR.4
I2ADR.3
I2ADR.2
I2ADR.1
I2ADR.0
GC
00
0000 0000
Bit address
DF
DE
DD
DC
DB
DA
D9
D8
I2CON*
I2C control register
D8H
-
I2EN
STA
STO
SI
AA
-
CRSEL
00
x000 00x0
I2DAT
I2C data register
DAH
I2SCLH
Serial clock generator/SCL
duty cycle register high
DDH
00
0000 0000
I2SCLL
Serial clock generator/SCL
duty cycle register low
DCH
00
0000 0000
I2STAT
I2C status register
D9H
STA.4
STA.3
STA.2
STA.1
STA.0
0
0
0
F8
1111 1000
ICRAH
Input capture A register high
ABH
00
0000 0000
ICRAL
Input capture A register low
AAH
00
0000 0000
ICRBH
Input capture B register high
AFH
00
0000 0000
ICRBL
Input capture B register low
AEH
00
0000 0000
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8H
EA
EWDRT
EBO
ES/ESR
ET1
EX1
ET0
EX0
00
0000 0000
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt enable 1
E8H
EAD
EST
-
-
ESPI
EC
EKBI
EI2C
00 [3]
00x0 0000
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8H
-
PWDRT
PBO
PS/PSR
PT1
PX1
PT0
PX0
00 [3]
x000 0000
IP0H
Interrupt priority 0 high
B7H
-
PWDRT
H
PBOH
PSH/
PSRH
PT1H
PX1H
PT0H
PX0H
00 [3]
x000 0000
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8H
PAD
PST
-
-
PSPI
PC
PKBI
PI2C
00 [3]
00x0 0000
IP1H
Interrupt priority 1 high
F7H
PADH
PSTH
-
-
PSPIH
PCH
PKBIH
PI2CH
00 [3]
00x0 0000
KBCON
Keypad control register
94H
-
-
-
-
-
-
PATN
_SEL
KBIF
00 [3]
xxxx xx00
Table 5:
Special function registers - P89LPC933/934 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com