Electronic Components Datasheet Search
  English  ▼

X  

P89LPC935FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC935FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC935FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC935FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC935FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
7 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
6.2 Pin description
Table 4:
Pin description
Symbol
Pin
Type
Description
TSSOP28,
PLCC28
HVQFN28
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type.
During reset Port 0 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 0 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 8.13.1 “Port configurations”
and Table 11 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt trigger inputs.
Port 0 also provides various special functions as described below:
P0.0/CMP2/
KBI0/AD01
3
27
I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output.
I
KBI0 — Keyboard input 0.
I
AD01 — ADC0 channel 1 analog input. (P89LPC935/936)
P0.1/CIN2B/
KBI1/AD10
26
22
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
I
AD10 — ADC1 channel 0 analog input.
P0.2/CIN2A/
KBI2/AD11
25
21
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
I
AD11 — ADC1 channel 1 analog input.
P0.3/CIN1B/
KBI3/AD12
24
20
I/O
P0.3 — Port 0 bit 3.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I
AD12 — ADC1 channel 2 analog input.
P0.4/CIN1A/
KBI4/DAC1
23
19
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
O
DAC1 — Digital-to-analog converter output 1.
I
AD13 — ADC1 channel 3 analog input.
P0.5/
CMPREF/
KBI5
22
18
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
P0.6/CMP1/
KBI6
20
16
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P0.7/T1/
KBI7
19
15
I/O
P0.7 — Port 0 bit 7.
I/O
T1 — Timer/counter 1 external count input or overflow output.
I
KBI7 — Keyboard input 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com