Electronic Components Datasheet Search
  English  ▼

X  

SI5010 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SI5010
Description  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5010 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI5010 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Si5010
Preliminary Rev. 0.31
5
Electrical Specifications
Figure 2. Differential Voltage Measurement
Figure 3. Clock to Data Timing
Figure 4. DOUT and CLKOUT Rise/Fall Times
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–40
25
85
°C
Si5010 Supply Voltage2
VDD
2.375
2.5
2.625
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating
conditions. Typical values apply at nominal supply voltages and an operating temperature of 25°C unless
otherwise stated.
2. The Si5010 specifications are guaranteed when using the recommended application circuit (including
component tolerance) of Figure 5 on page 8.
V
IS
V
ID ,V OD
Differential
I/Os
Differential
Voltage Swing
Differential Peak-to-Peak Voltage
SIGNAL +
SIGNAL –
(SIGNAL +) – (SIGNAL –)
V
IC M , V OC M
V
t
DOUT
CLKOUT
t
C-D
DOUT,
CLKOUT
t
F
t
R
80%
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com