Electronic Components Datasheet Search
  English  ▼

X  

SI5010 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SI5010
Description  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5010 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI5010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Si 50 10
10
Preliminary Rev. 0.31
Figure 6. Jitter Tolerance Specification
Jitter Transfer
The Si5010 is fully compliant with the relevant Bellcore/
ITU specifications related to SONET/SDH jitter transfer.
Jitter transfer is defined as the ratio of output signal jitter
to input signal jitter as a function of jitter frequency (see
Figure 7). These measurements are made with an input
test signal that is degraded with sinusoidal jitter whose
magnitude is defined by the mask in Figure 6.
Jitter Generation
The Si5010 meets all relevant specifications for jitter
generation proposed for SONET/SDH equipment. The
jitter generation specification defines the amount of jitter
that may be present on the recovered clock and data
outputs when a jitter free input signal is provided. The
Si5010 typically generates less than 1.6 mUIRMS of jitter
when presented with jitter-free input data.
Figure 7. Jitter Transfer Specification
Power Down
The Si5010 provides a power down pin, PWRDN/CAL,
that disables the device. When the PWRDN/CAL pin is
driven “high”, the positive and negative terminals of
CLKOUT and DOUT are each tied to VDD through
100
Ω on-chip resistors. This feature is useful in
reducing
power
consumption
in
applications
that
employ redundant serial channels. When PWRDN/CAL
is released (set to “low”) the digital logic resets to a
known initial condition, recalibrates the DSPLL, and will
begin to lock to the data stream.
Note: LOL is not asserted when the device is in the power
down state.
Device Grounding
The Si5010 uses the GND pad on the bottom of the
20-pin micro leaded package (MLP) for device ground.
This pad should be connected directly to the analog
supply ground. See Figures 10 and 11 for the ground
(GND) pad location.
Bias Generation Circuitry
The Si5010 makes use of an external resistor to set
internal bias currents. The external resistor allows
precise generation of bias currents which significantly
reduces
power
consumption
versus
traditional
implementations that use an internal resistor. The bias
generation circuitry requires a 10 k
Ω (1%) resistor
connected between REXT and GND.
f0
f1
f2
f3
ft
F requency
0.15
1.5
15
Sinusoidal
Input
Jitter (U I p-p)
S lo p e = 20 d B /D ecad e
SONET
Data Rate
F0
(Hz)
F1
(Hz)
F2
(Hz)
F3
(kHz)
Ft
(kHz)
OC-12
OC-3
10
10
30
30
300
300
25
6.5
250
65
Fc
Frequency
Jitter
Transfer
0.1 dB
Acceptable
Range
20 dB/Decade
Slope
SO NET
Data Rate
OC-12
OC-3
Fc
(kH z)
500
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com