Electronic Components Datasheet Search
  English  ▼

X  

SI5010 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SI5010
Description  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5010 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SI5010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Si5010
Preliminary Rev. 0.31
13
12, 13
DOUT–,
DOUT+
OCML
Differential Data Output.
The data output signal is a retimed version of the
data recovered from the signal present on DIN. It is
phase aligned with CLKOUT and is updated on the
rising edge of CLKOUT.
15
PWRDN/CAL
I
LVTTL
Power Down.
To shut down the high-speed outputs and reduce
power consumption, hold this pin high. For normal
operation, hold this pin low.
Calibration.
To initiate an internal self-calibration, force a
high-to-low transition on this pin. (See "PLL
Self-Calibration" on page 9.)
Note: This input has a weak internal pulldown.
16, 17
CLKOUT–,
CLKOUT+
OCML
Differential Clock Output.
The output clock is recovered from the data signal
present on DIN. In the absence of data, the output
clock is derived from REFCLK.
19
RATESEL
I
LVTTL
Data Rate Select.
This pin configures the onboard PLL for clock and
data recovery at one of two user selectable data
rates. See Table 7 for configuration settings.
Note: This input has a weak internal pulldown.
20
NC
No Connect.
This pin should be tied to ground.
Table 8. Si5010 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com