Electronic Components Datasheet Search
  English  ▼

X  

SI5010 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SI5010
Description  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI5010 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI5010 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5010 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Si 50 10
6
Preliminary Rev. 0.31
Table 2. DC Characteristics
(VDD = 2.5 V ± 5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
OC-12
OC-3
IDD
117
124
127
134
mA
Power Dissipation
OC-12
OC-3
PD
293
310
333
352
mW
Common Mode Input Voltage (DIN,
REFCLK)
VICM
varies with VDD
—.80 " VDD
—V
Input Voltage Range* (DIN+, DIN–,
REFCLK+, REFCLK–)
VIS
See Figure 2
750
mV
Differential Input Voltage Swing*
(DIN, REFCLK)
VID
See Figure 2
200
1500
mV
(pk-pk)
Input Impedance (DIN, REFCLK)
RIN
Line-to-Line
84
100
116
Differential Output Voltage Swing
(DOUT)
VOD
100
Ω Load
Line-to-Line
TBD
940
TBD
mV
(pk-pk)
Differential Output Voltage Swing
(CLKOUT)
VOD
100
Ω Load
Line-to-Line
TBD
900
TBD
mV
(pk-pk)
Output Common Mode Voltage
(DOUT,CLKOUT)
VOCM
100
Ω Load
Line-to-Line
—VDD –0.7
V
Output Impedance (DOUT,CLKOUT)
ROUT
Single-ended
84
100
116
Output Short to GND (DOUT,CLKOUT)
ISC(–)
—25
TBD
mA
Output Short to VDD (DOUT,CLKOUT)
ISC(+)
TBD
–15
mA
Input Voltage Low (LVTTL Inputs)
VIL
——
.8
V
Input Voltage High (LVTTL Inputs)
VIH
2.0
V
Input Low Current (LVTTL Inputs)
IIL
——
10
µA
Input High Current (LVTTL Inputs)
IIH
——
10
µA
Output Voltage Low (LVTTL Outputs)
VOL
IO = 2 mA
0.4
V
Output Voltage High (LVTTL Outputs)
VOH
IO = 2 mA
2.0
V
Input Impedance (LVTTL Inputs)
RIN
10
k
PWRDN/CAL Leakage Current
IPWRDN VPWRDN ≥ 0.8 V
TBD
25
TBD
µA
*Note: The DIN and REFCLK inputs may be driven differentially or single-endedly. When driving single-endedly, the voltage
swing of the signal applied to the active input must exceed the specified minimum Differential Input Voltage Swing (VID
min) and the unused input must be tied to ground. When driving differentially, the difference between the positive and
negative input signals must exceed VID min. (Each individual input signal needs to swing only half of this range.) In
either case, the voltage applied to any individual pin (DIN+, DIN–, REFCLK+, or REFCLK–) must not exceed the
specified maximum Input Voltage Range (VIS max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com