Electronic Components Datasheet Search
  English  ▼

X  

T0501SA Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # T0501SA
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501SA Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  T0501SA Datasheet HTML 1Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 2Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 3Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 4Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 5Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 6Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Rating
Electrical Characteristics (T = 25 C)
Rating
Symbol
Value
Units
Peak Pulse Power (tp = 8/20μs)
Ppk
100
Watts
Peak Pulse Current (tp = 8/20
IPP
4.5
A
1
ESD per IEC 61000-4-2 (Air)
1
ESD per IEC 61000-4-2 (Contact)
VESD
±25
±22
kV
Operating Temperature
TJ
-55 to +125
°C
Storage Temperature
TSTG
-55 to +150
°C
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
I = 1mA
t
7
9
10
V
Reverse Leakage Current
IR
V
= 5V, T=25°C
RWM
0.005
0.100
μA
Clamping Voltage
VC
I
= 1A, tp = 8/20μs
PP
11
V
Clamping Voltage
VC
I
= 4A, tp = 8/20μs
PP
15
V
2, 3, 4
Dynamic Resistance
RD
tp = 100ns
0.90
Ohms
Junction Capacitance
C j
V
= 0V, f = 1MHz
R
0.25
0.4
pF
Notes
1) ESD gun return path connect
ed to ESD ground reference plane.
2) Transmission Line Pulse Test (TLP) Settings: tp= 100ns, tr= 0.
2ns,I
and V
averaging window: t1 = 70ns to t2= 90ns.
3) Dynamic resistance calculated from I
= 4A to I
= 16A
4) Guaranteed by design. No
t production tested
TLP
μs)
°
°C
TLP
TLP
TLP
Document ID : DS-22V02
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device
T0501SA
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com