Electronic Components Datasheet Search
  English  ▼

X  

T0501SA Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # T0501SA
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501SA Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  T0501SA Datasheet HTML 1Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 2Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 3Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 4Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 5Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 6Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Time (ns)
Time (ns)
Typical Capacitance vs. Reverse Voltage
TLP Characteristic
Typical Insertion Loss (S21)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
Reverse Voltage - V
R (V)
f = 1 MHz
35.0
30.0
25.0
20.0
15.0
10.0
5.0
5.0
0.01
0.1
1
10
Frequency (GHz)
Clamping Voltage vs. Peak Pulse Current
8
9
10
11
12
13
14
0
1
2
3
4
5
Peak Pulse Current - I
PP (A)
Waveform
Parameters:
tr = 8μs
td = 20μs
0
5
10
15
20
25
30
0
10
20
30
40
50
TLP Voltage (V)
Transmission Line Pulse Test
(TLP) Se ngs:
tp= 100ns, tr= 0.2ns,
ITLP andV TLP averaging window:
t1 = 70ns tot 2 = 90ns
ESD Clamping (+8kV Contact per IEC 61000-4-2)
ESD Clamping (-8kV Contact per IEC 61000-4-2)
-10
0
10
20
30
40
-20
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 40dB a enuator. ESD gun
return path connected to ESD ground plane.
-40
-30
-20
-10
0
10
-20
-10
0
10
20
30
40
50
60
70
80
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 40dB a enuator. ESD gun
return path connected to ESD ground plane.
0.0
Document ID : DS-22V02
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device
T0501SA
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com