Electronic Components Datasheet Search
  English  ▼

X  

T0501SA Datasheet(PDF) 5 Page - Chip Integration Technology Corporation

Part # T0501SA
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501SA Datasheet(HTML) 5 Page - Chip Integration Technology Corporation

  T0501SA Datasheet HTML 1Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 2Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 3Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 4Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 5Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 6Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Ordering Information
r
e
b
m
u
N
t
r
a
P
r
e
p
y
t
Q
l
e
e
R
l
e
e
R
e
z
i
S
Carries Tape Specification
Device Orientation in Tape
Note: All dimensions in mm unless otherwise specified
10,000
T0501SA
7inch
A0
B0
K0
0.37 +/-0.03
0.67 +/-0.03
0.32 +/-0.02 mm
Date Code Location
(Towards Sprocket Holes)
Document ID : DS-22V02
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device
T0501SA
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com