Electronic Components Datasheet Search
  English  ▼

X  

T0501SA Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # T0501SA
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501SA Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  T0501SA Datasheet HTML 1Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 2Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 3Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 4Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 5Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 6Page - Chip Integration Technology Corporation T0501SA Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Application Information
r
e
t
e
m
a
r
a
P
y
l
b
m
e
s
As
on
i
t
a
d
n
e
m
m
o
c
e
R
Recommended Mounting Pattern
0.270
0.250
0.298
0.272
0.175
Stencil Aperture
Mounting Pad
Package
Assembly Guidelines
The small size of this device means that some care
must be taken during the mounting process to insure
reliable solde joint. The table below provides
CITC recommended assembly guidelines for
Mounting this device. The figure at the right details
CITC recommended aperture based on the
below recommendations. Not that these are only
recommendations and should serve only as a starting
point for design since there are many factors that
affect the assembly process. The exact manufactur-
ing parameters will require some experimentation to
get the desired solder application.
Solder Stencil Design
Laser cut, Electro-polished
Aperture shape
Rectangular with rounded
corners
Solder Stencil Thickness
0.100 mm (0.004")
Solder Paste Type
Type 4 size sphere or smaller
Solder Reflow Profile
Per JEDEC J-STD-020
PCB Solder Pad Desig
Non-Solder mask defined
PCB Pad Finish
OSP OR NiAu
Document ID : DS-22V02
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device
T0501SA
Chip Integration Technology Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com