Electronic Components Datasheet Search
  English  ▼

X  

AD7626BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD7626BCPZ Datasheet HTML 1Page - Analog Devices AD7626BCPZ Datasheet HTML 2Page - Analog Devices AD7626BCPZ Datasheet HTML 3Page - Analog Devices AD7626BCPZ Datasheet HTML 4Page - Analog Devices AD7626BCPZ Datasheet HTML 5Page - Analog Devices AD7626BCPZ Datasheet HTML 6Page - Analog Devices AD7626BCPZ Datasheet HTML 7Page - Analog Devices AD7626BCPZ Datasheet HTML 8Page - Analog Devices AD7626BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 3 of 29
SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Operating Input Voltage
VIN+, VIN− to AGND
−0.1
VREF + 0.1
V
Common-Mode Input Range
VREF/2 − 0.05
VREF/2
VREF/2 + 0.05
V
CMRR
fIN = 1 MHz
68
dB
Input Current
Midscale input
168
µA
THROUGHPUT
Complete Cycle
100
ns
Throughput Rate
0.1
10
MSPS
DC ACCURACY
Integral Linearity Error
−1.5
±0.45
+1.5
LSB
No Missing Codes
16
Bits
Differential Linearity Error
−0.5
±0.35
+0.5
LSB
Transition Noise
0.6
LSB
Zero Error, TMIN to TMAX
−6
±1
+6
LSB
Zero Error Drift
0.5
ppm/°C
Gain Error, TMIN to TMAX
8
20
LSB
Gain Error Drift
0.7
ppm/°C
Power Supply Sensitivity1
VDD1 = 5 V ± 5%
0.4
LSB
VDD2 = 2.5 V ± 5%
0.2
LSB
AC ACCURACY
fIN = 20 kHz, −0.5 dBFS
Dynamic Range
90.5
91.5
dB
Signal-to-Noise Ratio
90
91
dB
Spurious-Free Dynamic Range
105
dB
Total Harmonic Distortion
−105.5
dB
Signal-to-(Noise + Distortion)
89.5
91
dB
fIN = 100 kHz, −0.5 dBFS
Signal-to-Noise Ratio
91.3
dB
Spurious-Free Dynamic Range
104.5
dB
Total Harmonic Distortion
−102.5
dB
Signal-to-(Noise + Distortion)
91
dB
fIN = 2.4 MHz, −1 dBFS
Signal-to-Noise Ratio
88.5
dBFS
Spurious-Free Dynamic Range
84
dB
Total Harmonic Distortion
−86
dB
Signal-to-(Noise + Distortion)
85
dB
fIN = 2.4 MHz, −6 dBFS
Signal-to-Noise Ratio
89
dBFS
Spurious-Free Dynamic Range
84
dB
Total Harmonic Distortion
−93
dB
Signal-to-(Noise + Distortion)
88
dB
−3 dB Input Bandwidth
95
MHz
Aperture Delay
1.5
ns
Aperture Jitter
0.25
ps rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com