Electronic Components Datasheet Search
  English  ▼

X  

AD7626BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 2Page - Analog Devices AD7626BCPZ Datasheet HTML 3Page - Analog Devices AD7626BCPZ Datasheet HTML 4Page - Analog Devices AD7626BCPZ Datasheet HTML 5Page - Analog Devices AD7626BCPZ Datasheet HTML 6Page - Analog Devices AD7626BCPZ Datasheet HTML 7Page - Analog Devices AD7626BCPZ Datasheet HTML 8Page - Analog Devices AD7626BCPZ Datasheet HTML 9Page - Analog Devices AD7626BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 5 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1
Using an external reference.
2
The ANSI-644 LVDS I/O specification has a minimum output common mode (VOCM) of 1125 mV.
3
Power dissipation is for the AD7626 device only. In self clocked interface mode, 0.9 mW is dissipated in the 100 Ω terminator. In echoed clock interface mode, 1.8 mW
is dissipated in two 100 Ω terminators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com