Electronic Components Datasheet Search
  English  ▼

X  

AD7626BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 13Page - Analog Devices AD7626BCPZ Datasheet HTML 14Page - Analog Devices AD7626BCPZ Datasheet HTML 15Page - Analog Devices AD7626BCPZ Datasheet HTML 16Page - Analog Devices AD7626BCPZ Datasheet HTML 17Page - Analog Devices AD7626BCPZ Datasheet HTML 18Page - Analog Devices AD7626BCPZ Datasheet HTML 19Page - Analog Devices AD7626BCPZ Datasheet HTML 20Page - Analog Devices AD7626BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AD7626
Data Sheet
Rev. D | Page 16 of 29
THEORY OF OPERATION
SW+
COMP
SW–
IN+
REF
(4.096V)
GND
LSB
MSB
32,768C 16,384C
4C
2C
C
C
CONTROL
LOGIC
CNV+, CNV–
IN–
32,768C 16,384C
4C
2C
C
C
LSB
MSB
GND
GND
D+, D
–
CLK+, CLK–
DCO+, DCO
–
LVDS INTERFACE
DATA TRANSFER
CONVERSION
CONTROL
OUTPUT CODE
SWITCHES
CONTROL
Figure 27. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7626 is a 10 MSPS, high precision, power efficient,
16-bit ADC that uses SAR-based architecture to provide a
performance of 91.5 dB SNR, ±0.45 LSB INL, and ±0.35 LSB DNL.
The AD7626 is capable of converting 10,000,000 samples per
second (10 MSPS). The device typically consumes 136 mW of
power. The AD7626 offers the added functionality of a high
performance on-chip reference and on-chip reference buffer.
The AD7626 is specified for use with 5 V and 2.5 V supplies
(VDD1, VDD2). The interface from the digital host to the AD7626
uses 2.5 V logic only. The AD7626 uses an LVDS interface to
transfer data conversions. The CNV+ and CNV− inputs to the
device activate the conversion of the analog input. The CNV+
and CNV− pins can be applied using a CMOS or LVDS source.
The AD7626 is housed in a space-saving, 32-lead, 5 mm ×
5 mm LFCSP.
CONVERTER INFORMATION
The AD7626 is a 10 MSPS ADC that uses SAR-based architecture
to incorporate a charge redistribution DAC. Figure 27 shows a
simplified schematic of the ADC. The capacitive DAC consists
of two identical arrays of 16 binary weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, the terminals of the array tied to
the input of the comparator are connected to GND via SW+ and
SW−. All independent switches are connected to the analog
inputs. In this way, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. A conversion phase is initiated when the acquisition
phase is complete and the CNV input goes high. Note that the
AD7626 can receive a CMOS or LVDS format CNV signal.
When the conversion phase begins, SW+ and SW− are opened
first. The two capacitor arrays are then disconnected from the
inputs and connected to the GND input. Therefore, the differential
voltage between the inputs (IN+ and IN−) captured at the end
of the acquisition phase is applied to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between GND and 4.096 V
(the reference voltage), the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4 … VREF/65,536). The
control logic toggles these switches, MSB first, to bring the
comparator back into a balanced condition. At the completion
of this process, the control logic generates the ADC output code.
The AD7626 digital interface uses LVDS to enable high data
transfer rates.
The AD7626 conversion result is available for reading after tMSB
(time from the conversion start until MSB is available) has elapsed.
The user must apply a burst LVDS CLK± signal to the AD7626
to transfer data to the digital host.
The CLK± signal outputs the ADC conversion result onto the
data output D±. The bursting of the CLK± signal is illustrated
in Figure 41 and Figure 42 and is characterized as follows:
•
The differential voltage on CLK± should be held steady
state in the time between tCLKL and tMSB.
•
The AD7626 has two data read modes. For more
information about the echoed clock and self clocked
interface modes, see the Digital Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com