Electronic Components Datasheet Search
  English  ▼

X  

AD7626BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 16Page - Analog Devices AD7626BCPZ Datasheet HTML 17Page - Analog Devices AD7626BCPZ Datasheet HTML 18Page - Analog Devices AD7626BCPZ Datasheet HTML 19Page - Analog Devices AD7626BCPZ Datasheet HTML 20Page - Analog Devices AD7626BCPZ Datasheet HTML 21Page - Analog Devices AD7626BCPZ Datasheet HTML 22Page - Analog Devices AD7626BCPZ Datasheet HTML 23Page - Analog Devices AD7626BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 19 of 29
DRIVING THE AD7626
Differential Analog Input Source
Figure 33 shows an ADA4899-1 driving each differential input
to the AD7626.
Single-Ended to Differential Driver
For applications using unipolar analog signals, a single-ended to
differential driver (as shown in Figure 32) allows for a differential
input into the device. This configuration, when provided with
an input signal of 0 V to 4.096 V, produces a differential ±4.096 V
with midscale at 2.048 V. The one-pole filter using R = 20 Ω and
C = 56 pF provides a corner frequency of 140 MHz. The VCM
output of the AD7626 can be buffered and then provide the
required 2.048 V common-mode voltage.
Single-Ended or Fully Differential High Frequency Driver
In applications that require higher input frequency tones, the
ADA4932-1 can drive the inputs to the AD7626. The ADA4932-1
is a differential driver, which also allows the user the option of
single-ended to differential conversion.
Figure 34 shows the typical circuit for a 50 Ω source impedance
(ac-coupled in this example). The input to the ADA4932-1 is
configured to be balanced to the source impedance (in this case
50 Ω). Further information on balancing the input impedance
to the source impedance can be found on the ADA4932-1 data
sheet. The circuit shown in Figure 34 operates with an overall gain
of ~0.5 when the termination input termination is taken
into account.
Alternatively, the ADA4932-1 can be used with a fully differential
source—it acts as an inverting differential driver.
56pF
20Ω
20Ω
50Ω
IN+
IN–
AD7626
VCM
V–
V+
AD8031, AD8032
U2
U1
ADA4899-1
ADA4899-1
56pF
100nF
100nF
590Ω
590Ω
ANALOG INPUT
(UNIPOLAR 0V TO 4.096V)
Figure 32. Single-Ended to Differential Driver Circuit Using ADA4899-1
56pF
20Ω
–VS
0V TO VREF
+VS
56pF
20Ω
–VS
VREF TO 0V
+VS
CREF
10µF2
REF1
REF
GND
IN+
IN–
AD7626
ADA4899-1
1SEE THE VOLTAGE REFERENCE OPTIONS SECTION. CONNECTION TO EXTERNAL REFERENCE SIGNALS
IS DEPENDENT ON THE EN1 AND EN0 SETTINGS.
2CREF IS USUALLY A 10µF CERAMIC CAPACITOR WITH LOW ESL AND ESR.
DECOUPLE REF AND REFIN PINS AS PER THE EN1 AND EN0 RECOMMENDATIONS
VCM
–VS
+VS
BUFFERED VCM PIN OUTPUT
GIVES THE REQUIRED 2.048V
COMMON-MODE SUPPLY FOR
ANALOG INPUTS.
VCM
2.048V
AD8031, AD8032
ADA4899-1
REFIN
REF1
CREF
10µF2
0.1µF
Figure 33. Driving the AD7626 from a Differential Analog Source Using ADA4899-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com