Electronic Components Datasheet Search
  English  ▼

X  

AD7626BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 20Page - Analog Devices AD7626BCPZ Datasheet HTML 21Page - Analog Devices AD7626BCPZ Datasheet HTML 22Page - Analog Devices AD7626BCPZ Datasheet HTML 23Page - Analog Devices AD7626BCPZ Datasheet HTML 24Page - Analog Devices AD7626BCPZ Datasheet HTML 25Page - Analog Devices AD7626BCPZ Datasheet HTML 26Page - Analog Devices AD7626BCPZ Datasheet HTML 27Page - Analog Devices AD7626BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 23 of 29
DIGITAL INTERFACE
Conversion Control
All analog-to-digital conversions are controlled by the CNV±
signal. This signal can be applied in the form of a CNV+/CNV−
LVDS signal, or it can be applied in the form of a 2.5 V CMOS
logic signal to the CNV+ pin. The conversion is initiated by the
rising edge of the CNV± signal.
After the AD7626 is powered up, the first conversion result
generated is invalid. Subsequent conversion results are valid
provided that the time between conversions does not exceed
the maximum specification for tCYC.
The two methods for acquiring the digital data output of the
AD7626 via the LVDS interface are described in the following
sections.
Echoed Clock Interface Mode
The digital operation of the AD7626 in echoed clock interface
mode is shown in Figure 41. This interface mode, requiring only a
shift register on the digital host, can be used with many digital
hosts (such as FPGA, shift register, and microprocessor). It requires
three LVDS pairs (D±, CLK±, and DCO±) between each AD7626
and the digital host.
The clock DCO± is a buffered copy of CLK± and is synchronous
to the data, D±, which is updated on the falling edge of DCO +
(tD). By maintaining good propagation delay matching between
D± and DCO± through the board and the digital host, DCO can
latch D± with a good timing margin for the shift register.
Conversions are initiated by a rising edge CNV± pulse. The
CNV± pulse must be returned low (≤ tCNVH maximum) for valid
operation. After a conversion begins, it continues until completion.
Additional CNV± pulses are ignored during the conversion phase.
After the time, tMSB, elapses, the host should begin to burst the
CLK±. Note that tMSB is the maximum time for the MSB of the
new conversion result and should be used as the gating device
for CLK±. The echoed clock, DCO±, and the data, D±, are driven
in phase with D± being updated on the falling edge of DCO+; the
host should use the rising edge of DCO+ to capture D±. The
only requirement is that the 16 CLK± pulses finish before the
time (tCLKL) elapses of the next conversion phase or the data is
lost. From the tCLKL to tMSB, D± and DCO± are driven to 0. Set
CLK± to idle low between CLK± bursts.
CLK+
tCYC
16
15
CNV+
116
15
2
123
tCNVH
tCLKL
DCO+
16
15
1
16
15
2
1
23
D+
SAMPLE N
SAMPLE N + 1
D–
D15
N
D14
N
D1
N
CLK–
CNV–
DCO–
D0
N – 1
ACQUISITION
ACQUISITION
ACQUISITION
tDCO
tD
tCLK
0
tMSB
D1
N – 1
D15
N + 1
D14
N + 1
D0
N
0
D13
N + 1
tCLKD
Figure 41. Echoed Clock Interface Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com