Electronic Components Datasheet Search
  English  ▼

X  

AD9222 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 4 Page - Analog Devices

  AD9222 Datasheet HTML 1Page - Analog Devices AD9222 Datasheet HTML 2Page - Analog Devices AD9222 Datasheet HTML 3Page - Analog Devices AD9222 Datasheet HTML 4Page - Analog Devices AD9222 Datasheet HTML 5Page - Analog Devices AD9222 Datasheet HTML 6Page - Analog Devices AD9222 Datasheet HTML 7Page - Analog Devices AD9222 Datasheet HTML 8Page - Analog Devices AD9222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Data Sheet
AD9222
Rev. F | Page 3 of 60
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
AD9222-40
AD9222-50
AD9222-65
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±1
±8
±1
±8
±1
±8
mV
Offset Matching
Full
±3
±8
±3
±8
±3
±8
mV
Gain Error
Full
±0.4
±1.2
±1.5
±2.5
±3.5
±5
% FS
Gain Matching
Full
±0.3
±0.7
±0.3
±0.7
±0.4
±0.8
% FS
Differential Nonlinearity (DNL)
Full
±0.25
±0.5
±0.3
±0.65
±0.25
±0.6
LSB
Integral Nonlinearity (INL)
Full
±0.4
±1
±0.4
±1
±0.4
±1
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
Gain Error
Full
±17
±17
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
±21
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±2
±30
±2
±30
±2
±30
mV
Load Regulation @ 1.0 mA (VREF = 1 V)
Full
3
3
3
mV
Input Resistance
Full
6
6
6
kΩ
ANALOG INPUTS
Differential Input Voltage Range
(VREF = 1 V)
Full
2
2
2
V p-p
Common-Mode Voltage
Full
AVDD/2
AVDD/2
AVDD/2
V
Differential Input Capacitance
Full
7
7
7
pF
Analog Bandwidth, Full Power
Full
325
325
325
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
338
348.5
357.5
367.5
450
470
mA
IDRVDD
Full
51
53.6
53.5
56.2
56.6
60.5
mA
Total Power Dissipation
(Including Output Drivers)
Full
700
722
740
760
910
950.5
mW
Power-Down Dissipation
Full
2
11
2
11
2
11
mW
Standby Dissipation2
Full
83
89
100
mW
CROSSTALK
Full
−90
−90
−90
dB
CROSSTALK (Overrange Condition)3
Full
−90
−90
−90
dB
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This can be controlled via SPI.
3
Overrange condition is specific with 6 dB of the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com