Electronic Components Datasheet Search
  English  ▼

X  

AD9222 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9222 Datasheet HTML 15Page - Analog Devices AD9222 Datasheet HTML 16Page - Analog Devices AD9222 Datasheet HTML 17Page - Analog Devices AD9222 Datasheet HTML 18Page - Analog Devices AD9222 Datasheet HTML 19Page - Analog Devices AD9222 Datasheet HTML 20Page - Analog Devices AD9222 Datasheet HTML 21Page - Analog Devices AD9222 Datasheet HTML 22Page - Analog Devices AD9222 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 18 of 60
90
85
80
75
70
65
60
1
1000
100
10
ANALOG INPUT FREQUENCY (MHz)
SFDR
SNR
Figure 39. SNR/SFDR vs. fIN, AD9222-50
FREQUENCY (MHz)
1
10
100
1000
50
55
60
65
70
75
80
85
90
2V p-p, SFDR
2V p-p, SNR
Figure 40. SNR/SFDR vs. fIN, AD9222-65
100
90
95
85
80
75
70
65
60
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
2V p-p, SFDR
2V p-p, SINAD
Figure 41. SINAD/SFDR vs. Temperature, fIN = 2.61 MHz, AD9222-50
90
85
80
75
70
65
60
–40
–20
0
20
40
80
60
TEMPERATURE (°C)
2V p-p, SFDR
2V p-p, SINAD
Figure 42. SINAD/SFDR vs. Temperature, fIN = 2.3 MHz, AD9222-65
90
85
80
75
70
65
60
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
2V p-p, SFDR
2V p-p, SINAD
Figure 43. SINAD/SFDR vs. Temperature, fIN = 20.1 MHz, AD9222-50
90
85
80
75
70
65
60
–40
–20
0
20
40
80
60
TEMPERATURE (°C)
2V p-p, SFDR
2V p-p, SINAD
Figure 44. SINAD/SFDR vs. Temperature, fIN = 19.7 MHz, AD9222-65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com