Electronic Components Datasheet Search
  English  ▼

X  

AD9222 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9222 Datasheet HTML 35Page - Analog Devices AD9222 Datasheet HTML 36Page - Analog Devices AD9222 Datasheet HTML 37Page - Analog Devices AD9222 Datasheet HTML 38Page - Analog Devices AD9222 Datasheet HTML 39Page - Analog Devices AD9222 Datasheet HTML 40Page - Analog Devices AD9222 Datasheet HTML 41Page - Analog Devices AD9222 Datasheet HTML 42Page - Analog Devices AD9222 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 38 of 60
Addr.
(Hex)
Parameter Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Default Notes/
Comments
14
output_mode
X
0 = LVDS
ANSI-644
(default)
1 = LVDS
low power,
(IEEE1596.3
similar)
X
X
X
Output
invert
1 = on
0 = off
(default)
00 = offset binary
(default)
01 = twos
complement
0x00
Configures the
outputs and the
format of the data.
15
output_adjust
X
X
Output driver
termination
00 = none (default)
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
X
X
X
DCO and
FCO
2× Drive
Strength
1 = on
0 = off
(default)
0x00
Determines
LVDS or other
output properties.
Primarily func-
tions to set the
LVDS span and
common-mode
levels in place of
an external
resistor.
16
output_phase
X
X
X
X
0011 = output clock phase adjust
(0000 through 1010)
0000 = 0° relative to data edge
0001 = 60° relative to data edge
0010 = 120° relative to data edge
0011 = 180° relative to data edge (default)
0101 = 300° relative to data edge
0110 = 360° relative to data edge
1000 = 480° relative to data edge
1001 = 540° relative to data edge
1010 = 600° relative to data edge
1011 to 1111 = 660° relative to data edge
0x03
On devices that
utilize global
clock divide,
determines
which phase of
the divider
output is used to
supply the
output clock.
Internal latching
is unaffected.
19
user_patt1_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB.
1A
user_patt1_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 1 MSB.
1B
user_patt2_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSB.
1C
user_patt2_msb
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2 MSB.
21
serial_control
LSB first
1 = on
0 = off
(default)
X
X
X
<10
MSPS,
low
encode
rate
mode
1 = on
0 = off
(default)
000 = 12 bits (default, normal bit
stream)
001 = 8 bits
010 = 10 bits
011 = 12 bits
100 = 14 bits
0x00
Serial stream
control. Default
causes MSB first
and the native
bit stream
(global).
22
serial_ch_stat
X
X
X
X
X
X
Channel
output
reset
1 = on
0 = off
(default)
Channel
power-
down
1 = on
0 = off
(default)
0x00
Used to power
down individual
sections of a
converter (local).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com