Electronic Components Datasheet Search
  English  ▼

X  

AD9222 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9222 Datasheet HTML 8Page - Analog Devices AD9222 Datasheet HTML 9Page - Analog Devices AD9222 Datasheet HTML 10Page - Analog Devices AD9222 Datasheet HTML 11Page - Analog Devices AD9222 Datasheet HTML 12Page - Analog Devices AD9222 Datasheet HTML 13Page - Analog Devices AD9222 Datasheet HTML 14Page - Analog Devices AD9222 Datasheet HTML 15Page - Analog Devices AD9222 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Data Sheet
AD9222
Rev. F | Page 11 of 60
Pin No.
Mnemonic
Description
33
D − A
ADC A Digital Output Complement
34
D + A
ADC A Digital Output True
38
SCLK/DTP
Serial Clock/Digital Test Pattern
39
SDIO/ODM
Serial Data Input-Output/Output Driver Mode
40
CSB
Chip Select Bar
41
PDWN
Power Down
43
VIN + A
ADC A Analog Input True
44
VIN − A
ADC A Analog Input Complement
46
VIN − B
ADC B Analog Input Complement
47
VIN + B
ADC B Analog Input True
49
VIN + C
ADC C Analog Input True
50
VIN − C
ADC C Analog Input Complement
52
VIN − D
ADC D Analog Input Complement
53
VIN + D
ADC D Analog Input True
54
RBIAS
External Resistor to Set the Internal ADC Core Bias Current
55
SENSE
Reference Mode Selection
56
VREF
Voltage Reference Input/Output
57
REFB
Differential Reference (Negative)
58
REFT
Differential Reference (Positive)
60
VIN + E
ADC E Analog Input True
61
VIN − E
ADC E Analog Input Complement
63
VIN − F
ADC F Analog Input Complement
64
VIN + F
ADC F Analog Input True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com