Electronic Components Datasheet Search
  English  ▼

X  

AD9222 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9222 Datasheet HTML 3Page - Analog Devices AD9222 Datasheet HTML 4Page - Analog Devices AD9222 Datasheet HTML 5Page - Analog Devices AD9222 Datasheet HTML 6Page - Analog Devices AD9222 Datasheet HTML 7Page - Analog Devices AD9222 Datasheet HTML 8Page - Analog Devices AD9222 Datasheet HTML 9Page - Analog Devices AD9222 Datasheet HTML 10Page - Analog Devices AD9222 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 6 of 60
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 4.
AD9222-40
AD9222-50
AD9222-65
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK2
Maximum Clock Rate
Full
40
50
65
MSPS
Minimum Clock Rate
Full
10
10
10
MSPS
Clock Pulse Width High (tEH)
Full
12.5
10.0
7.5
ns
Clock Pulse Width Low (tEL)
Full
12.5
10.0
7.5
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
Full
1.5
2.3
3.1
1.5
2.3
3.1
1.5
2.3
3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
300
300
ps
Fall Time (tF) (20% to 80%)
Full
300
300
300
ps
FCO Propagation Delay (tFCO)
Full
1.5
2.3
3.1
1.5
2.3
3.1
1.5
2.3
3.1
ns
DCOPropagationDelay (tCPD)4
Full
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
tFCO +
(tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
(tSAMPLE/24)
− 300
(tSAMPLE/24)
(tSAMPLE/24)
+ 300
ps
Data to Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±50
±200
±50
±200
±50
±200
ps
Wake-Up Time (Standby)
25°C
600
600
600
ns
Wake-Up Time (Power-Down)
25°C
375
375
375
μs
Pipeline Latency
Full
8
8
8
CLK
cycles
APERTURE
Aperture Delay (tA)
25°C
750
750
750
ps
Aperture Uncertainty (Jitter)
25°C
<1
<1
<1
ps
rms
Out-of-Range Recovery Time
25°C
1
1
1
CLK
cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2
This can be adjusted via the SPI interface.
3
Measurements were made using a part soldered to FR4 material.
4
tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com