Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9215 Datasheet HTML 8Page - Analog Devices AD9215 Datasheet HTML 9Page - Analog Devices AD9215 Datasheet HTML 10Page - Analog Devices AD9215 Datasheet HTML 11Page - Analog Devices AD9215 Datasheet HTML 12Page - Analog Devices AD9215 Datasheet HTML 13Page - Analog Devices AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Data Sheet
AD9215
Rev. B | Page 11 of 36
ANALOG INPUT LEVEL
40
50
60
70
80
30
20
10
0
–50
–40
–45
–35
–25
–30
–10
–15
–20
–5
0
2V p-p SNR (dB)
2V p-p SFDR (dBc)
1V p-p SFDR (dBc)
1V p-p SNR (dB)
80dB REFERENCE LINE
Figure 15. AD9215-80 SNR/SFDR vs.
Analog Input Drive Level, fSAMPLE = 80 MSPS, fIN = 39.1 MHz
0
80
70
60
50
40
30
20
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ANALOG INPUT LEVEL (–dBFS)
2V p-p
SNR
1V p-p SNR
2 SFDR dBc
1V p-p SFDR (dBc)
–70dBFS
REFERENCE LINE
Figure 16. AD9215-105 SNR/SFDR vs.
Analog Input Drive Level, fSAMPLE = 105 MSPS, fIN = 50.3 MHz
ANALOG INPUT LEVEL
40
50
60
70
80
30
20
10
0
–50
–40
–45
–35
–25
–30
–10
–15
–20
–5
0
2V p-p SNR (dB)
2V p-p SFDR (dBc)
1V p-p SFDR (dBc)
1V p-p SNR (dB)
80dB REFERENCE LINE
Figure 17. AD9215-65 SNR/SFDR vs.
Analog Input Drive Level, fSAMPLE = 65 MSPS, fIN = 30.3 MHz
50
55
60
65
70
75
80
0
50
100
150
200
250
300
SFDR
SNR
FREQUENCY (MHz)
Figure 18. AD9215-105 SNR/SFDR vs.
fIN, AIN = −0.5 dBFS, fSAMPLE = 105 MSPS
fIN (MHz)
50
55
60
65
70
75
80
85
0
100
50
150
250
200
300
2V p-p SNR (dB)
2V p-p SFDR (dBc)
Figure 19. AD9215-80 SNR/SFDR vs.
fIN, AIN = −0.5 dBFS, fSAMPLE = 80 MSPS
ANALOG INPUT (MHz)
50
55
60
65
70
75
80
0
100
50
150
250
200
300
2V p-p SNR (dB)
2V p-p SFDR (dBc)
Figure 20. AD9215-65 SNR/SFDR vs.
fIN, AIN = −0.5 dBFS, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com