Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9215 Datasheet HTML 12Page - Analog Devices AD9215 Datasheet HTML 13Page - Analog Devices AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices AD9215 Datasheet HTML 17Page - Analog Devices AD9215 Datasheet HTML 18Page - Analog Devices AD9215 Datasheet HTML 19Page - Analog Devices AD9215 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
AD9215
Rev. B | Page 15 of 36
when changing from 2 V p-p mode to 1 V p-p mode.
The SHA may be driven from a source that keeps the signal
peaks within the allowable range for the selected reference volt-
age. The minimum and maximum common-mode input levels
are defined as
VCMMIN = VREF/2
VCMMAX = (AVDD + VREF)/2
The minimum common-mode input level allows the AD9215 to
accommodate ground-referenced inputs.
Although optimum performance is achieved with a differential
input, a single-ended source may be driven into VIN+ or VIN−.
In this configuration, one input accepts the signal, while the
opposite input should be set to midscale by connecting it to an
appropriate reference. For example, a 2 V p-p signal may be
applied to VIN+ while a 1 V reference is applied to VIN−. The
AD9215 then accepts a signal varying between 2 V and 0 V. In
the single-ended configuration, distortion performance may
degrade significantly as compared to the differential case. How-
ever, the effect is less noticeable at lower input frequencies.
Differential Input Configurations
As previously detailed, optimum performance is achieved while
driving the AD9215 in a differential input configuration. For
baseband applications, the AD8138 differential driver provides
excellent performance and a flexible interface to the ADC. The
output common-mode voltage of the AD8138 is easily set to
AVDD/2, and the driver can be configured in a Sallen Key filter
topology to provide band limiting of the input signal.
AD8138
AD9215
VIN+
VIN–
AVDD
AGND
1V p-p
R
R
C
C
499
Ω
499
Ω
499
Ω
523
Ω
49.9
Ω
1k
Ω
1k
Ω
0.1
µF
VCM
Figure 32. Differential Input Configuration Using the AD8138
At input frequencies in the second Nyquist zone and above, the
performance of most amplifiers is not adequate to achieve the
true performance of the AD9215. This is especially true in IF
undersampling applications where frequencies in the 70 MHz to
200 MHz range are being sampled. For these applications, differ-
ential transformer coupling is the recommended input configura-
tion. The value of the shunt capacitor is dependant on the input
frequency and source impedance and should be reduced or re-
moved. An example of this is shown in Figure 33.
AD9215
VIN+
VIN–
AVDD
AGND
2V p-p
R
R
C
C
49.9
Ω
0.1
µF
AVDD
1k
Ω
1k
Ω
Figure 33. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting a
transformer. Most RF transformers saturate at frequencies
below a few MHz, and excessive signal power can also cause
core saturation, which leads to distortion.
Single-Ended Input Configuration
A single-ended input may provide adequate performance in
cost-sensitive applications. In this configuration, there is a deg-
radation in SFDR and distortion performance due to the large
input common-mode swing. However, if the source impedances
on each input are kept matched, there should be little effect on
SNR performance. Figure 34 details a typical single-ended input
configuration.
2V p-p
R
R
C
C
49.9
Ω
0.1
µF
10
µF
10
µF
0.1
µF
AD9215
VIN+
VIN–
AVDD
AGND
AVDD
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Figure 34. Single-Ended Input Configuration
CLOCK INPUT AND CONSIDERATIONS
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals, and as a result may be sensi-
tive to clock duty cycle. Commonly, a 5% tolerance is required
on the clock duty cycle to maintain dynamic performance char-
acteristics. The AD9215 contains a clock duty cycle stabilizer
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9215. As shown in Figure 25, noise and distortion per-
formance are nearly flat over a 50% range of duty cycle. For best
ac performance, enabling the duty cycle stabilizer is recom-
mended for all applications.
The duty cycle stabilizer uses a delay-locked loop (DLL) to cre-
ate the nonsampling edge. As a result, any changes to the sam-
pling frequency require approximately 100 clock cycles to allow
the DLL to acquire and lock to the new rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com