Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9215 Datasheet HTML 28Page - Analog Devices AD9215 Datasheet HTML 29Page - Analog Devices AD9215 Datasheet HTML 30Page - Analog Devices AD9215 Datasheet HTML 31Page - Analog Devices AD9215 Datasheet HTML 32Page - Analog Devices AD9215 Datasheet HTML 33Page - Analog Devices AD9215 Datasheet HTML 34Page - Analog Devices AD9215 Datasheet HTML 35Page - Analog Devices AD9215 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
AD9215
Rev. B | Page 31 of 36
Table 11. TSSOP Evaluation Board Bill of Materials (BOM)
Item
Qty.
Omit
Reference Designator
Device
Package
Value
Recommended
Vendor/Part No.
1
11
C2 to C4, C10, C20,
C25, C27, C29,
C47, C50, C52
Tantalum Capacitor
TAJD
10 μF
C47
2
2
C5,C8
Chip Capacitor
0603
10 pF
1
C31
3
15
C6, C9, C13,
C15 to C18, C21, C24,
C26, C30, C32, C34, C36,
C40, C46, C48, C51
Chip Capacitor
0603
0.1 μF
4
3
C12, C14, C23, C28
Chip Capacitor
0603
Select
5
8
C7, C19, C35, C19,
C37 to C39, C49
Chip Capacitor
0603
0.001 μF
6
6
C1,C33, C41 to C42,
C44 to C5
BCAP0402
0402
0.1 μF
7
1
C43
BCAP0402
0402
0.001 μF
8
1
C11
BCAP0603
0603
Select
9
11
R2, R8 to R11, R24,
R26, R29, R39, R41 to R45
BRES603
0603A
1 kΩ
2
R48, R49
10
4
R6, R25, R34, R37
BRES603
0603A
0 Ω
8
R5, R35, R17 to R18,
R27 to R28, R38, R52
11
2
R7, R40
BRES603
0603A
50 Ω
1
R14
12
2
R19, R21
BRES603
0603A
33 Ω
13
2
R32, R33
RES0603
0603A
36 Ω
14
1
R16
BRES603
0603
Select
15
2
R4, R15,
BRES603
0603
10 kΩ
16
4
R20, R22 to R23, R47
BRES603
0603A
Select
17
2
R48, R49
BRES603
0603
1 kΩ
18
4
R36, R46, R50 to R51
BRES603
0603
25 Ω
19
1
R31
BRES603
0603
100 Ω
20
1
R30
BRES603
0603
1.2 kΩ
21
1
R3
BRES603
0603
5 kΩ
22
1
R1
Potentiometer
RJ24FW
10 kΩ
23
4
RP1 to RP4
Resister Pack
220Ω
742C163221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com