Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9215 Datasheet HTML 13Page - Analog Devices AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices AD9215 Datasheet HTML 17Page - Analog Devices AD9215 Datasheet HTML 18Page - Analog Devices AD9215 Datasheet HTML 19Page - Analog Devices AD9215 Datasheet HTML 20Page - Analog Devices AD9215 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AD9215
Data Sheet
Rev. B | Page 16 of 36
Table 7. Reference Configuration Summary
Selected Mode
External SENSE
Connection
Internal Op Amp
Configuration
Resulting VREF
(V)
Resulting Differential Span
(V p-p)
Externally Supplied Reference
AVDD
N/A
N/A
2 × External Reference
Internal 0.5 V Reference
VREF
Voltage Follower (G = 1)
0.5
1.0
Programmed Variable
Reference
External Divider
Noninverting (1 < G < 2)
0.5 × (1 + R2/R1)
2 × VREF
Internally Programmed 1 V
Reference
AGND to 0.2 V
Internal Divider
1.0
2.0
Table 8. Digital Output Coding
Code
VIN+ − VIN− Input Span =
2 V p-p (V)
VIN+ − VIN− Input Span =
1 V p-p (V)
Digital Output Offset Binary
(D9••••••D0)
Digital Output Twos
Complement (D9••••••D0)
1023
1.000
0.500
11 1111 1111
01 1111 1111
512
0
0
10 0000 0000
00 0000 0000
511
−0.00195
−0.000978
01 1111 1111
11 1111 1111
0
−1.00
−0.5000
00 0000 0000
10 0000 0000
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given full-scale
input frequency (fINPUT) due only to aperture jitter (tA) can be
calculated with the following equation
SNR Degradation = 20 × log10 [2 × π × fINPUT × tA]
In the equation, the rms aperture jitter, tA, represents the root-
sum square of all jitter sources, which include the clock input,
analog input signal, and ADC aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
The clock input should be treated as an analog signal in cases
where aperture jitter may affect the dynamic range of the
AD9215. Power supplies for clock drivers should be separated
from the ADC output driver supplies to avoid modulating the
clock signal with digital noise. Low jitter, crystal-controlled
oscillators make the best clock sources. If the clock is generated
from another type of source (by gating, dividing, or other
methods), it should be retimed by the original clock at the last
step.
Power Dissipation and Standby Mode
As shown in Figure 35, the power dissipated by the AD9215 is
proportional to its sample rate. The digital power dissipation
does not vary substantially between the three speed grades
because it is determined primarily by the strength of the digital
drivers and the load on each output bit. The maximum DRVDD
current can be calculated as
IDRVDD = VDRVDD × CLOAD × fCLOCK × N
where N is the number of output bits, 10 in the case of the
AD9215. This maximum current is for the condition of every
output bit switching on every clock cycle, which can only occur
for a full-scale square wave at the Nyquist frequency, fCLOCK/2. In
practice, the DRVDD current is established by the average
number of output bits switching, which are determined by the
encode rate and the characteristics of the analog input signal.
Digital power consumption can be minimized by reducing the
capacitive load presented to the output drivers. The data in Fig-
ure 35 was taken with a 5 pF load on each output driver.
15
35
30
25
20
40
105
5
15
25
35
45
55
65
75
85
95
–1
1
3
5
7
9
11
13
15
fSAMPLE (MSPS)
AD9215-105 IAVDD
AD9215-65/80 IAVDD
IDRVDD
Figure 35. Supply Current vs. fSAMPLE for fIN = 10.3 MHz
The analog circuitry is optimally biased so that each speed
grade provides excellent performance while affording reduced
power consumption. Each speed grade dissipates a baseline
power at low sample rates that increases linearly with the clock
frequency.
By asserting the PDWN pin high, the AD9215 is placed in
standby mode. In this state, the ADC typically dissipates 1 mW
if the CLK and analog inputs are static. During standby, the
output drivers are placed in a high impedance state. Reasserting
the PDWN pin low returns the AD9215 into its normal opera-
tional mode.
In standby mode, low power dissipation is achieved by shutting
down the reference, reference buffer, and biasing networks. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com