Electronic Components Datasheet Search
  English  ▼

X  

AD9215 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9215 Datasheet HTML 14Page - Analog Devices AD9215 Datasheet HTML 15Page - Analog Devices AD9215 Datasheet HTML 16Page - Analog Devices AD9215 Datasheet HTML 17Page - Analog Devices AD9215 Datasheet HTML 18Page - Analog Devices AD9215 Datasheet HTML 19Page - Analog Devices AD9215 Datasheet HTML 20Page - Analog Devices AD9215 Datasheet HTML 21Page - Analog Devices AD9215 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Data Sheet
AD9215
Rev. B | Page 17 of 36
decoupling capacitors on REFT and REFB are discharged when
entering standby mode and then must be recharged when
returning to normal operation. As a result, the wake-up time is
related to the time spent in standby mode, and shorter standby
cycles result in proportionally shorter wake-up times. With the
recommended 0.1 μF and 10 μF decoupling capacitors on REFT
and REFB, it takes approximately one second to fully discharge
the reference buffer decoupling capacitors and 7 ms to restore
full operation.
Digital Outputs
The AD9215 output drivers can be configured to interface with
2.5 V or 3.3 V logic families by matching DRVDD to the digital
supply of the interfaced logic. The output drivers are sized to
provide sufficient output current to drive a wide variety of logic
families. However, large drive currents tend to cause current
glitches on the supplies that may affect converter performance.
Applications requiring the ADC to drive large capacitive loads
or large fanouts may require external buffers or latches.
Timing
The AD9215 provides latched data outputs with a pipeline delay
of five clock cycles. Data outputs are available one propagation
delay (tOD) after the rising edge of the clock signal. Refer to Fig-
ure 2 for a detailed timing diagram.
The length of the output data lines and loads placed on them
should be minimized to reduce transients within the AD9215;
these transients can detract from the converter’s dynamic per-
formance.
The lowest typical conversion rate of the AD9215 is 5 MSPS. At
clock rates below 5 MSPS, dynamic performance may degrade.
Voltage Reference
A stable and accurate 0.5 V voltage reference is built into the
AD9215. The input range can be adjusted by varying the refer-
ence voltage applied to the AD9215, using either the internal
reference or an externally applied reference voltage. The input
span of the ADC tracks reference voltage changes linearly. Max-
imum SNR and DNL performance is achieved with the AD9215
set to the largest input span of 2 V p-p.
Internal Reference Connection
A comparator within the AD9215 detects the potential at the
SENSE pin and configures the reference into four possible
states, which are summarized in Table 1
. If SENSE is grounded,
the reference amplifier switch is connected to the internal resis-
tor divider (see Figure 36), setting VREF to 1 V. Connecting the
SENSE pin to the VREF pin switches the amplifier output to the
SENSE pin, configuring the internal op amp circuit as a voltage
follower and providing a 0.5 V reference output. If an external
resistor divider is connected as shown in Figure 37, the switch is
again set to the SENSE pin. This puts the reference amplifier in a
noninverting mode with the VREF output defined as
 
R1
R2
VREF
1
5
.
0
10
F
+
0.1
F
VREF
SENSE
0.5V
7k
7k
AD9215
VIN–
VIN+
REFT
0.1
F
0.1
F
10
F
0.1
F
REFB
SELECT
LOGIC
ADC
CORE
Figure 36. Internal Reference Configuration
In all reference configurations, REFT and REFB drive the ADC
conversion core and establish its input span. The input range of
the ADC always equals twice the voltage at the reference pin for
either an internal or an external reference.
10
F
+
0.1
F
VREF
R2
R1
SENSE
0.5V
AD9215
VIN–
VIN+
REFT
0.1
F
0.1
F
10
F
0.1
F
REFB
SELECT
LOGIC
ADC
CORE
Figure 37. Programmable Reference Configuration
If the internal reference of the AD9215 is used to drive multiple
converters to improve gain matching, the loading of the refer-
ence by the other converters must be considered. Figure 38 de-
picts how the internal reference voltage is affected by loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com