Electronic Components Datasheet Search
  English  ▼

X  

MS1003SH Datasheet(PDF) 35 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 35 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 34Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 35Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 36Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 37Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 38Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 39Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
35/41
6. Example circuit diagram
6.1 Circuit diagram
IC201
HA17431HLTP
T101
ECO2219
PC101
PC123
C203
50V
0.047μF
R206
2.2kΩ
±0.5%
R202
2.2kΩ
C105
1kV
470pF
C107
50V
1000p
D103
M1FL20U
PH102
PC123
R107
47kΩ
IC111
MS1003SH
R105
10kΩ
Nc
C109
50V
100μF
D102
M1FL20U
C104
200V
100μF
AC85~132V
D101
S1WB80
C102
AC250V
1000pF
C101
AC250V
0.1μF
L101
HF2316-A103Y1R0
10mH
1A
F101
AC250V 1.6A
Ns
Np
PC102
PC123
R201
3.3kΩ
0.25W
High信号:Normal Mode
Low信号:SP Stby Mode
C103
AC250V
1000pF
C108
50V
100p
D201
SG5S6M
R205
36kΩ
±0.5%
R207
10kΩ
±0.5%
Q201
DTC114EUA
R209
100kΩ
+Vo
12V/2.1A
GND
R203
4.7kΩ
R101
33kΩ
Q101
F5B52HPⅡ
R102
10Ω
0.5W
R103
100Ω
0.25W
C106
50V
220pF
R106
12kΩ
PH101
PC123
C202
16V
470μF
C201
16V
1500μF
L201
2.6A
4.7μH
R104
0.39Ω 2W
Q102
2SC4081
R110
1Ω 0.5W
R108
68kΩ
R109
150kΩ
C151
AC250V
2200pF
R208
6.8kΩ
0.25W
C110
50V
0.1μF
スーパースタンバイ
モード切り替え回路
AC
AC
Vcc
Vin
OCL
2
1
4
3
5
7
6
8
NC
VG
Z/C
F/B
GND
後述の6.2項より算出した計算値により設計した回路です。
計算値と実機では効率や応答系による結果の違い、
ICのしきい値のばらつき・各部品の温度ドリフトなどの要因があり
同じ数値になりません。計算値はあくまで参考値となります。
参考回路においては、
OCL抵抗(R(OCL))について実機と計算値の
ズレから
0.37Ω→0.39Ω・トランスのインダクタンス値は
トランスメーカー情報よりAL-value=140時のインダクタンス値は
0.656mHとなり0.647mHから変更しています。
6.2 Calculations for example circuit design
This section discusses the design procedure for the example circuit shown in Section 6.1.
(1) I/O specification and transformer
Control IC
MS1003SH
Input specification
AC85–132V
Output specification
12V/2.1A
Transformer
ECO2219 (made by TDK)
(2) Initial design value list
VDC(min)
102 [V]
D
0.47
Cq
470 pF
VDC(max)
187 [V]
Po
25.2 [W]
PL
Po
 1.2 [W]
f(min)
50 [kHz]
0.85
Ae
46.4 [mm
2]
VO1
12 [V]
VNC
15 [V]
B
300 mT
Vo1 rectification diode forward voltage: VF1
0.8 [V]
VNC rectification diode forward voltage: VFNC
0.6 [V]
High signal: Normal Mode
Low signal: SP Stby Mode
Super standby mode
switching circuit
This circuit is based on the results of calculations described in Section 6.2
below. Actual values may differ from calculations due to differences in
efficiency and in the response system, variance in IC thresholds, temperature
drifts for each component, and various other factors. Use the results of
calculations as guidelines. In the example circuit, the OCL resistance (R(OCL))
is changed from 0.37 Ω to 0.39 Ω due to discrepancies between the actual
device and calculations. The transformer inductance at AL-value = 140 has
been changed from 0.656 mH to 0.647 mH based on information from the
transformer manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com