Electronic Components Datasheet Search
  English  ▼

X  

MS1003SH Datasheet(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
10/41
3.2.3 Soft drive
The soft drive circuit supplies a trigger voltage slightly greater than
the gate threshold of the main switch as a gate drive voltage before
constant voltage driving begins. This prevents the supply of greater
gate voltage than necessary.
The soft drive reduces losses by the gate charge voltage and reduces
noise by controlling the resonating capacitor discharge peak current.
3.2.4 Trough skip operation
The MS1003SH and MS1004SH monitor the switching cycle. If the switching cycle length becomes shorter
than the trough skip start cycle T (bottom skip start) of 7.5 μs (TYP), the IC enter the following modes:
MS1003SH moves from the normal partial resonance mode to the 1 trough skip mode (switching on
at the second trough).
MS1004SH moves from the normal partial resonance mode to the 2 trough skip mode (switching on
at the third trough).
In trough skip mode, the MS1003SH extends the off-period by a cycle of resonance and the MS1004SH by
two cycles of resonance. This controls an increase in the frequency. Once in trough skip mode, the cycle
monitoring timer setting changes. When the time from switching on to the first voltage trough becomes
longer than T (bottom skip stop) of 13 μs (TYP), the IC returns to normal partial resonance mode. Using
hysteresis in this manner prevents jitter and acoustic noise.
VDS
ID
動作
モード
部分共振
部分共振
谷飛び
オフ幅
監視
タイマ
T(bottom skip start)
T(bottom skip stop)
T(bottom skip start)
Sequence of MS1003SH
VGS
IG
ID
ドレイン電流にあわせた
ゲート電圧供給
急峻なゲートチャージ
を低減
軽負荷時の
無効電荷削減
共振コンデンサ放電電流の
ダンピング
Gate voltage supply
matched to drain current
Reducing gate charge
spikes
Reducing
reactive charge
under light loads
Damping of resonating
capacitor discharge current
Partial
resonance
Trough skip
Partial
resonance
OFF range
monitoring
timer
Operating
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com