Electronic Components Datasheet Search
  English  ▼

X  

MS1003SH Datasheet(PDF) 9 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 9 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MS1003SH Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
9/41
3.2 Oscillation
3.2.1 On-trigger circuit
As shown to the right, when a negative edge
of the Z/C pin voltage reaches VZ/C (0.25 V),
the gate signal is output, and the main
switching device is turned on.
Current-critical operations are performed by
detecting energy discharge timing with the
control coil voltage before turning on the
main switching device.
To minimize noise, negative edge detection
detects a trigger while the Z/C pin voltage
falls from Hi to Low. The VZ/C voltage
(0.25V) incorporates 50 mV hysteresis for
improved noise resistance.
3.2.2 Quasi-resonance
In a circuit having resonating capacitor Cq between the drain
and the source of the main switching device, as shown to the
right, when the secondary diode current reaches 0 A, damping
begins at the resonance frequency based on the primary
inductance LP of the main transformer and the resonating
capacitor.
Adjusting the time constant of the CR connected to the Z/C
pin as shown on the right allows the main switching device to
be turned on at a trough of the damping voltage waveform,
thereby reducing turn-on losses.
VZ/C
約0.25V
ID
2次整流ダイオード電流
VDS
コントロール巻線電圧
Control coil voltage
Secondary rectification diode current
Approx.
0.25 V
8
1
3
Z/C端子
Vin端子
GND端子
C
R
Cq
LP
時定数により
ONタイミングを決定
5
Vin pin
Z/C pin
GND pin
The time constant
determines on-timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com