Electronic Components Datasheet Search
  English  ▼

X  

MS1003SH Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # MS1003SH
Description  Control IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MS1003SH Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  MS1003SH Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MS1003SH Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
MS1003SH・MS1004SH
Application Note Ver.2.2
SHINDENGEN ELECTRIC MFG. CO. , LTD
4/41
1. Overview
1.1 Introduction
We have developed the MS1003SH and MS1004SH to meet the growing demand for power conservation.
These ICs incorporate a super standby mode to optimize power efficiency under micro loads.
The MS1003SH and MS1004SH consume less power in standby mode than conventional ICs. The ICs
incorporate various functions to make it more user-friendly and to make it easier to design a power supply
with fewer external components.
1.2 Characteristics
1)
Quasi-resonant design for high efficiency and low noise
2)
Four-step soft start function (40 ms/step)
3)
Onboard startup circuit requires no startup resistor, dramatically reducing losses in the startup circuit.
4)
The automatic trough skip function controls increases in oscillation frequency and improves efficiency
under light loads.
5)
Auto burst function improves efficiency under light loads with no additional components.
6)
Super standby mode improves efficiency under micro loads.
7)
Soft drive circuit reduces noise.
8)
Thermal shutdown, overvoltage protection, and overload protection (timer latch)
9)
Primary current limit circuit incorporates an input voltage dependence correction circuit to reduce the
number of components required.
10) Bias assist function for startup circuit
11) Vcc-GND short circuit protection function
12) SOP-8 package employed for compact dimensions
1.3 Applications
Televisions, video recorders, refrigerators, washing machines, air conditioners and other appliances in
which reduced standby power consumption is a design goal.
1.4 Appearance and dimensions
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com