Electronic Components Datasheet Search
  English  ▼

X  

TAS5634 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5634
Description  300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5634 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5634 Datasheet HTML 17Page - Texas Instruments TAS5634 Datasheet HTML 18Page - Texas Instruments TAS5634 Datasheet HTML 19Page - Texas Instruments TAS5634 Datasheet HTML 20Page - Texas Instruments TAS5634 Datasheet HTML 21Page - Texas Instruments TAS5634 Datasheet HTML 22Page - Texas Instruments TAS5634 Datasheet HTML 23Page - Texas Instruments TAS5634 Datasheet HTML 24Page - Texas Instruments TAS5634 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
TAS5634
www.ti.com
SLAS931 – OCTOBER 2017
Product Folder Links: TAS5634
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Closed-Loop Architecture
The TAS5634 is designed with closed-loop feedback to reduce noise and eliminate distortion caused by the
power supply and output stage FETs. The integrated closed-loop architecture makes it simple and easy to
convert from an audio digital source directly to power delivery in one step while maintaining great performance.
8.3.2 Power Supplies
The TAS5634 requires only two supplies for normal operation including a high-voltage output stage supply,
PVDD, and a lower voltage 12V voltage supply for gate drive and low-voltage analog and digital circuits. Two
internal regulators provide voltage regulation for the digital (DVDD) and analog (AVDD) circuit using the 12V
VDD voltage supply. Additionally, an integrated bootstrap (floating) supply provides the necessary voltage for the
high-side MOSFETs for each half-bridge.
To provide the best electrical and acoustical characteristics, the PWM signal path including gate drive and output
stage are designed as identical, independent half-bridges. For this reason, each half-bridge has separate
bootstrap pins (BST_X) and each full-bridge has separate power stage supply (PVDD_X) and gate supply
(GVDD_X) pins.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each full-bridge has independent power-stage supply pins (PVDD_X). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_X
connection is decoupled with a minimum of 470 nF ceramic capacitance and placed as close as possible to each
supply pin. It is recommended to follow the PCB layout of the TAS5634 reference design. For additional
information on recommended power supply and required components, see the application diagrams in this data
sheet.
The power-supply sequence is not critical because of the internal power-on-reset circuit. The TAS5634 is fully
protected against erroneous power-stage turn on due to parasitic gate charging when power supplies are
applied. Thus, voltage-supply ramp rates (dV/dt) are non-critical within the specified range (see the
Recommended Operating Conditions table of this data sheet).
8.3.2.1 BST, Bootstrap Supply
The TAS5634 uses bootstrap circuits to properly turn on the high-side MOSFETs. A small ceramic capacitor
must be connected from each bootstrap pin (BST_X) to the power-stage output pin (OUT_X). When the power-
stage output is low, the bootstrap capacitor is charged through an internal diode connected between the gate-
drive power-supply pin (GVDD_X) and the bootstrap pin (BST_X). When the power-stage output is high, the
bootstrap capacitor potential is shifted above the output potential and thus provides a suitable voltage supply for
the high-side gate driver. In an application with PWM switching frequencies in the range from 352kHz to 500
kHz, it is recommended to use 33 nF ceramic capacitors, size 0603 or 0805, for the bootstrap supply. These 33-
nF capacitors ensure sufficient energy storage, even during minimal PWM duty cycles, to keep the high-side
power stage MOSFETs fully turned on during the remaining part of the PWM cycle.
8.3.2.2 PVDD, Output Stage Power Supply
The PVDD_x voltage pins supply the high voltage and current needed for driving the speaker load.
1. Place at least 1 μF decoupling capacitance as close as possible to each supply pin, PVDD_AB and
PVDD_CD. TI recommends to use ceramic capacitors, which have low series resistance (ESR). The
decoupling capacitors provide current each output stage switch cycle.
2. Add a minimum of 470 μF bulk capacitance to each PVDD_x pin. More capacitance may be required if the
power supply has low bandwidth or does not respond quickly to transients.
3. Minimize trace lengths between decoupling and bulk capacitance to reduce inductance between the
TAS5634 and the supply capacitors.
8.3.2.3 GVDD, Gate-Drive Power Supply
The GVDD_x, 12 V power supply is required for the gate-drive section of the TAS5634. Place a minimum of 100
nF decoupling capacitor near each GVDD_x pin. For best audio performance, place a total of 10 μF bulk
capacitance on the 12V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com