Electronic Components Datasheet Search
  English  ▼

X  

TAS5634 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5634
Description  300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5634 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5634 Datasheet HTML 4Page - Texas Instruments TAS5634 Datasheet HTML 5Page - Texas Instruments TAS5634 Datasheet HTML 6Page - Texas Instruments TAS5634 Datasheet HTML 7Page - Texas Instruments TAS5634 Datasheet HTML 8Page - Texas Instruments TAS5634 Datasheet HTML 9Page - Texas Instruments TAS5634 Datasheet HTML 10Page - Texas Instruments TAS5634 Datasheet HTML 11Page - Texas Instruments TAS5634 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
TAS5634
SLAS931 – OCTOBER 2017
www.ti.com
Product Folder Links: TAS5634
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3
Recommended Operating Conditions
MIN
TYP
MAX
UNIT
PVDD_X
Full-bridge supply
DC supply voltage
12
58
62
V
GVDD_X
Supply for logic regulators and gate-drive
circuitry
DC supply voltage
10.8
12
13.2
V
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL
Load impedance
BTL
Output filter: L = 15 uH, 0.68 µF
5
8
Ω
PBTL
3
4
SE
3
4
LOUTPUT
Output filter inductance
Minimum inductance at overcurrent limit,
including inductor tolerance, temperature
and possible inductor saturation
7
15
μH
fPWM
PWM frame rate
352
384
500
kHz
CPVDD
PVDD close decoupling capacitors
0.44
1
μF
C_START
Startup ramp capacitor
BTL and PBTL configuration
330
nF
SE and 1xBTL + 2xSE configuration
1
μF
ROC
Over-current programming resistor,
Resistor tolerance = 5%
24
27
33
kΩ
ROC_LATCHED
Over-current programming resistor,
Resistor tolerance = 5%
47
56
62
kΩ
TJ
Junction temperature
0
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TAS5634
UNIT
DDV (HTSSOP)
44 PINS
RθJA
Junction-to-ambient thermal resistance
2.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
2.0
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
1.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com