Electronic Components Datasheet Search
  English  ▼

X  

TAS5634 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5634
Description  300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5634 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5634 Datasheet HTML 44Page - Texas Instruments TAS5634 Datasheet HTML 45Page - Texas Instruments TAS5634 Datasheet HTML 46Page - Texas Instruments TAS5634 Datasheet HTML 47Page - Texas Instruments TAS5634 Datasheet HTML 48Page - Texas Instruments TAS5634 Datasheet HTML 49Page - Texas Instruments TAS5634 Datasheet HTML 50Page - Texas Instruments TAS5634 Datasheet HTML 51Page - Texas Instruments TAS5634 Datasheet HTML 52Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
8.3
7.9
42X 0.635
44X
0.27
0.17
2X
13.335
(0.15) TYP
0 - 8
0.15
0.05
1.2
1.0
7.30
6.72
4.43
3.85
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
14.1
13.9
B
6.2
6.0
(0.15) TYP
NOTE 6
2X (0.6)
NOTE 6
2X (0.3)
NOTE 6
PowerPAD
TSSOP - 1.2 mm max height
DDV0044D
PLASTIC SMALL OUTLINE
4218830/A 08/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. The exposed thermal pad is designed to be attached to an external heatsink.
6. Features may differ or may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
44
0.08
C A B
23
22
PIN 1 ID
AREA
EXPOSED
THERMAL
PAD
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com