Electronic Components Datasheet Search
  English  ▼

X  

TAS5634 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5634
Description  300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5634 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5634 Datasheet HTML 35Page - Texas Instruments TAS5634 Datasheet HTML 36Page - Texas Instruments TAS5634 Datasheet HTML 37Page - Texas Instruments TAS5634 Datasheet HTML 38Page - Texas Instruments TAS5634 Datasheet HTML 39Page - Texas Instruments TAS5634 Datasheet HTML 40Page - Texas Instruments TAS5634 Datasheet HTML 41Page - Texas Instruments TAS5634 Datasheet HTML 42Page - Texas Instruments TAS5634 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
TAS5634
www.ti.com
SLAS931 – OCTOBER 2017
Product Folder Links: TAS5634
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
These requirements must be followed to achieve best performance and reliability and minimum ground bounce at
rated output power of TAS5634.
11.1.1 PCB Material Recommendation
FR-4 Glass Epoxy material with 1oz. (35 μm) copper is recommended for use with the TAS5634. The use of this
material can provide for higher power output, improved thermal performance and better EMI margin (due to lower
PCB trace inductance).
11.1.2 PVDD Capacitor Recommendation
The large capacitors used in conjunction with each full-bridge, are referred to as the PVDD Capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well designed system power supply, 1000 μF, 75 V bulk capacitors should
support most applications. The PVDD capacitors should be low ESR type because they are used in a circuit
associated with high-speed switching.
11.1.3 Decoupling Capacitor Recommendation
To design an amplifier that has robust performance, passes regulatory requirements, and exhibits good audio
performance, good quality decoupling capacitors should be used. In practice, X5R or better should be used in
this application.
The voltage of the decoupling capacitors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the close decoupling capacitor that is placed on the power supply to each half-bridge. It must
withstand the voltage overshoot of the PWM switching, the heat generated by the amplifier during high power
output, and the ripple current created by high power output. A minimum voltage rating of 100V is required for use
with a 58 V power supply.
See the TAS5634EVM User's Guide for more details including layout and bill-of-material.
11.1.4 Circuit Component Requirements
A number of circuit components are critical to performance and reliability. They include LC filter inductors and
capacitors, decoupling capacitors and the heatsink. The best detailed reference for these is the TAS5634EVM
BOM in the user's guide, which includes components that meet all the following requirements.
•
High frequency decoupling capacitors - small high frequency decoupling capacitors are placed next to the
IC to control switching spikes and keep high frequency currents in a tight loop to achieve best performance
and reliability and EMC. They must be high quality ceramic parts with material like X7R or X5R and voltage
ratings at least 30% greater than PVDD, to minimize loss of capacitance caused by applied DC voltage.
(Capacitors made of materials like Y5V or Z5U should never be used in decoupling circuits or audio circuits
because their capacitance falls dramatically with applied DC and AC voltage, often to 20% of rated value or
less.)
•
Bulk decoupling capacitors - large bulk decoupling capacitors are placed as close as possible to the IC to
stabilize the power supply at lower frequencies. They must be high quality aluminum parts with low ESR and
ESL and voltage ratings at least 25% more than PVDD to handle power supply ripple currents and voltages.
•
LC filter inductors - to maintain high efficiency, short circuit protection and low distortion, LC filter inductors
must be linear to at least the OCP limit and must have low DC resistance and core losses. For SCP,
minimum working inductance, including all variations of tolerance, temperature and current level, must be
5µH. Inductance variation of more than 1% over the output current range can cause increased distortion.
•
LC filter capacitors - to maintain low distortion and reliable operation, LC filter capacitors must be linear to
twice the peak output voltage. For reliability, capacitors must be rated to handle the audio current generated
in them by the maximum expected audio output voltage at the highest audio frequency.
•
Heatsink - The heatsink must be fabricated with the PowerPAD™ contact area spaced 1.0mm +/-0.01mm
above mounting areas that contact the PCB surface. It must be supported mechanically at each end of the IC.
This mounting ensures the correct pressure to provide good mechanical, thermal and electrical contact with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com