Electronic Components Datasheet Search
  English  ▼

X  

TAS5634 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5634
Description  300-W Stereo / 600-W Mono HD Digital Input, 58V Class-D Amplifier Power Stage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5634 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5634 Datasheet HTML 9Page - Texas Instruments TAS5634 Datasheet HTML 10Page - Texas Instruments TAS5634 Datasheet HTML 11Page - Texas Instruments TAS5634 Datasheet HTML 12Page - Texas Instruments TAS5634 Datasheet HTML 13Page - Texas Instruments TAS5634 Datasheet HTML 14Page - Texas Instruments TAS5634 Datasheet HTML 15Page - Texas Instruments TAS5634 Datasheet HTML 16Page - Texas Instruments TAS5634 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
TC - Case Temperature - qC
0
25
50
75
100
0
50
100
150
200
250
300
350
D007
THD+N = 10%
6:
8:
f - Frequency - Hz
-160
-140
-120
-100
-80
-60
-40
-20
0
5k
10k
20k
15k
24k
0
D008
TC = 75qC
Vref = 41.01 V
FFT size = 16384
6:
2 Channel Output Power - W
0
100
200
300
400
500
600 650
0
10
20
30
40
50
60
70
80
90
100
D005
TC = 75qC
6:
8:
2 Channel Output Power - W
0
100
200
300
400
500
600 650
0
20
40
60
80
D006
TC = 75qC
6:
8:
13
TAS5634
www.ti.com
SLAS931 – OCTOBER 2017
Product Folder Links: TAS5634
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
BTL Configuration (continued)
Figure 5. Efficiency vs 2 Channel Output Power
Figure 6. Power Loss vs 2 Channel Output Power
Figure 7. Output Power vs Case Temperature
Figure 8. Noise Amplitude vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com