Electronic Components Datasheet Search
  English  ▼

X  

SCN2652 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SCN2652 Datasheet HTML 5Page - NXP Semiconductors SCN2652 Datasheet HTML 6Page - NXP Semiconductors SCN2652 Datasheet HTML 7Page - NXP Semiconductors SCN2652 Datasheet HTML 8Page - NXP Semiconductors SCN2652 Datasheet HTML 9Page - NXP Semiconductors SCN2652 Datasheet HTML 10Page - NXP Semiconductors SCN2652 Datasheet HTML 11Page - NXP Semiconductors SCN2652 Datasheet HTML 12Page - NXP Semiconductors SCN2652 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
9
MPCC, the processor should load TDSRL with the first character of
the message. TSOM should be cleared at the same time TDSRL is
loaded (16-bit data bus) or immediately thereafter (8-bit data bus).
FLAGS are sent as long as TSOM = 1. For counting the number of
FLAGs, the processor should reassert TSOM in response to the
assertion of TxBE.All succeeding characters are loaded into TDSRL
by the processor when TxBE = 1. Each
character is serialized in TxSR and transmitted on TxSO. Internal
zero insertion logic stuffs a “0” into the serial bit stream after five
successive “1s” are sent. This insures a data character will not
match a FLAG, ABORT, or GA reserved control character. As each
character is transmitted, the Frame Check Sequence (FCS) is
generated as specified by Error Control Mode (PCSAR8–10). The
FCS should be the CRC–CCITT polynomial (X16 + X12 + X5 + 1)
preset to 1s. If an underrun occurs (processor is not keeping up with
the transmitter), TxU and TERR (TDSR15) will be asserted with
ABORT or FLAG used as the TxSO line fill depending on the state
of IDLE (PCSAR11). The processor must set TSOM to reset the
underrun condition. To retransmit the message, the processor
should proceed with the normal start of message sequence.
A residual character of 1 to 7 bits may be transmitted at the end of
the information field. In response to TxBE, write the residual
character length into TxCL and load TxDB with the residual
character. Dynamic alteration of character length should be done in
exactly the same sequence. The character length will be changed
on the next transmit character boundary.
After the last data character has been loaded into TDSRL and sent
to TxSR (TxBE = 1), the processor should set TEOM (TDSR9). The
MPCC will finish transmitting the last character followed by the FCS
and the closing FLAG. The processor should clear TEOM and drop
TxE when the next TxBE is asserted. This corresponds to the start
of closing FLAG transmission. When TxE has been dropped. TxA
will be low 1 1/2 bit times after the last bit of the closing FLAG has
been transmitted. TxSO will be marked after the closing FLAG has
been transmitted.
If TxE and TEOM are high, the transmitter continues to send
FLAGs. The processor may initiate the next message by resetting
TEOM and setting TSOM, or by loading TDSRL with a data
character and then simply resetting TSOM (without setting TSOM).
TxBCP Operation
Transmitter operation for BCP mode is shown in Figure 9. TxA will
be asserted after TSOM = 1 and TxE is raised. At that time SYNC
characters are sent from PCSARL or TDSRL (IDLE = 0 or 1) as long
as TSOM = 1. TxBE is asserted at the start of transmission of the
first SYNC character. For counting the number of SYNCs, the
processor should reassert TSOM in response to the assertion of
TxBE. When TSOM = 0 transmission is from TDSRL, which must be
loaded with characters from the processor each time TxBE is
asserted. If this loading is delayed for more than one character time,
an underrun results: TxU and TERR are asserted and the
TxSO line fill depend on IDLE (PCSAR11). The processor must set
TSOM and retransmit the message to recover. This is not
compatible with IBM’s BISYNC, so that the user must not underrun
when supporting that protocol.
CRC–16, if specified by PCSAR8–10, is generated on each
character transmitted from TDSRL when TSOM =0. The processor
must set TEOM = 1 after the last data character has been sent to
TxSR (TxBE = 1). The MPCC will finish transmitting the last data
character and the CRC–16 field before sending SYNC characters
which are transmitted as long as TEOM = 1. If SYNCs are not
desired after CRC–16 transmission, the processor should clear
TEOM and lower TxE when the TxBE corresponding to the start of
CRC–16 transmission is asserted. When TEOM = 0, the line is
marked and a new message may be initiated by setting TSOM and
raising TxE.
If VRC is specified, it is generated on each data character and the
data character length must not exceed 7 bits. For software LRC or
CRC, TEOM should be set only if SYNC’s are required at the end of
the message block.
SPECIAL CASE: The capability to transmit 16 spaces is provided
for line turnaround in half duplex mode or for a control recovery
situation. This is achieved by setting TSOM and TEOM, clearing
TEOM when TxBE = 1, and proceeding as required.
PROGRAMMING
Prior to initiating data transmission or reception, PCSAR and PCR
must be loaded with control information from the processor. The
contents of these registers (see Register Format section) will
configure the MPCC for the user’s specific data communication
environment. These registers should be loaded during power-on
initialization and after a reset operation. They can be changed at any
time that the respective transmitter or receiver is disabled.
The default value for all registers is zero. This corresponds to BOP,
primary station mode, 8-bit character length, FCS = CRC–CCITT
preset to 1s.
For BOP mode the character length register (PCR) may be set to
the desired values during system initialization. The address and
control fields will automatically be 8-bits. If a residual character is to
be transmitted, TxCL should be changed to the residual character
length prior to transmission of that character.
DATA BUS CONTROL
The processor must set up the MPCC register address (A2–A0),
chip enable (CE), byte select (BYTE), and read/write (R/W) inputs
before each data bus transfer operation.
During a read operation (R/W = 0), the leading edge of DBEN will
initiate an MPCC read cycle. The addressed register will place its
contents on the data bus. If BYTE = 1, the 8-bit byte is placed on
DB15–08 or DB07–00 depending on the H/L status of the register
addressed. Unused bits in RDSRL are zero. If BYTE = 0, all 16 bits
(DB15–00) contain MPCC information. The trailing edge of DBEN
will reset RxDA and/or RxSA if RDSRL or RDSRH is addressed
respectively.
DBEN acts as the enable and strobe so that the MPCC will not
begin its internal read cycle until DBEN is asserted.
During a write operation (R/W = 1), data must be stable on DB15–08
and/or DB07–00 prior to the leading edge of DBEN. The stable data
is strobed into the addressed register by DBEN. TxBE will be
cleared if the addressed register was TDSRH or TDSRL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com