Electronic Components Datasheet Search
  English  ▼

X  

SCN2652 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SCN2652 Datasheet HTML 16Page - NXP Semiconductors SCN2652 Datasheet HTML 17Page - NXP Semiconductors SCN2652 Datasheet HTML 18Page - NXP Semiconductors SCN2652 Datasheet HTML 19Page - NXP Semiconductors SCN2652 Datasheet HTML 20Page - NXP Semiconductors SCN2652 Datasheet HTML 21Page - NXP Semiconductors SCN2652 Datasheet HTML 22Page - NXP Semiconductors SCN2652 Datasheet HTML 23Page - NXP Semiconductors SCN2652 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
20
TIMING DIAGRAMS (Continued)
TRANSMIT UNDERRUN
TxC
DBEN2
SET TSOM
NOTES:
1.
TxU goes active relative to TxC falling edge if TxBE has not been serviced after n-1/2 TxC times (where n = transmit character length). TxU is reset on the TxC falling edge follow-
ing assertion of the TSOM command.
2.
An underrun will occur at the next character boundary if TEOM is reset and the transmitter remains enabled, unless the TSOM command is asserted or a character is loaded into
the TxDB.
TxU1
SD00070
Figure 15. Timing Diagrams (cont.)
RECEIVE – START OF MESSAGE
RxC
RxA
RxDA2
DBEN
1st CHAR READ
2nd CHAR READ
S/F3
RxE
NOTES:
1.
RxA goes high relative to falling edge of RxC when RxE is high and: a. A data character following two SYNC’s is in RxDB (BCP mode). b. Character following FLAG is in RxDB
(BOP primary station mode). c. Character following FLAG is in RxDB and character matches the secondary station address or all parties address (BOP secondary station mode).
2.
RxDA goes high on RxC falling edge when a character in RxDB is ready to be read. It comes up before RxSA and goes low on the falling edge of DBEN when RxDB is read.
3.
S/F goes high relative to rising edge of RxC anytime a SYNC (BCP) or FLAG (BOP) is detected.
1
1st CHAR READY
TO BE READ
2nd CHAR READY
TO BE READ
SD00071
Figure 16. Timing Diagrams (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com