Electronic Components Datasheet Search
  English  ▼

X  

SCN2652 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCN2652 Datasheet HTML 1Page - NXP Semiconductors SCN2652 Datasheet HTML 2Page - NXP Semiconductors SCN2652 Datasheet HTML 3Page - NXP Semiconductors SCN2652 Datasheet HTML 4Page - NXP Semiconductors SCN2652 Datasheet HTML 5Page - NXP Semiconductors SCN2652 Datasheet HTML 6Page - NXP Semiconductors SCN2652 Datasheet HTML 7Page - NXP Semiconductors SCN2652 Datasheet HTML 8Page - NXP Semiconductors SCN2652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
3
ORDERING CODE
VCC = 5V +5%
PACKAGES
Commercial
0
°C to +70°C
Industrial
-40
°C to +85°C
DWG #
40-Pin Ceramic Dual In-Line Package (DIP)
SCN2652AC2F40 / SCN68652AC2F40
0590B
40-Pin Plastic Dual In-Line Package (DIP)
SCN2652AC2N40 / SCN68652AC2N40
Contact Factory
SOT129-1
44-Pin Square Plastic Lead Chip Carrier (PLCC)
SCN2652AC2A44 / SCN68652AC2A44
Contact Factory
SOT187-2
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature2
Note 4
°C
TSTG
Storage temperature
–65 to +150
°C
VCC
All inputs with respect to GND3
–0.3 to +7
V
NOTES:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or at any other condition above those indicated in the operation sections of this specification
is not implied.
2. For operating at elevated temperatures the device must be derated based on +150°C maximum junction temperature.
3. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
4. Parameters are valid over operating temperature range unless otherwise specified. See ordering code table for applicable temperature
range and operating supply range.
BLOCK DIAGRAM
DATA
BUS
BUFFER
DB15–
DB00
RESET
MM
READ/
WRITE
LOGIC
AND
CONTROL
A2–A0
BYTE
R/W
CE
DBEN
PARAMETER CONTROL
SYNC/ADDRESS
REGISTER
16 BITS
16
PCSAR
INTERNAL
BUS
RECEIVER
DATA/STATUS
REGISTER
RDSR
RECEIVER
LOGIC AND
CONTROL
16
PARAMETER
CONTROL
REGISTER
8 BITS
PCR
VCC
GND
TRANSMITTER
DATA/STATUS
REGISTER
TDSR
TRANSMITTER
LOGIC AND
CONTROL
16
RxC RxSI
TxC TxSO
S/F
RxE
RxA
RxDA
RxSA
TxE
TxA
TxBE
TxU
SD00058
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com