Electronic Components Datasheet Search
  English  ▼

X  

SCN2652 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SCN2652 Datasheet HTML 13Page - NXP Semiconductors SCN2652 Datasheet HTML 14Page - NXP Semiconductors SCN2652 Datasheet HTML 15Page - NXP Semiconductors SCN2652 Datasheet HTML 16Page - NXP Semiconductors SCN2652 Datasheet HTML 17Page - NXP Semiconductors SCN2652 Datasheet HTML 18Page - NXP Semiconductors SCN2652 Datasheet HTML 19Page - NXP Semiconductors SCN2652 Datasheet HTML 20Page - NXP Semiconductors SCN2652 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
17
AC ELECTRICAL CHARACTERISTICS1, 2, 3
PARAMETER
2MHz CLOCK
UNIT
PARAMETER
Min
Typ
Max
UNIT
Set-up and hold time
tACS
Address/control set-up
50
tACH
Address/control hold
0
tDS
Data bus set-up (write)
50
ns
tDH
Data bus hold (write)
0
tRXS
Receiver serial data set-up
150
tRxH
Receiver serial data hold
150
Pulse width
tRES
RESET
250
ns
tDBEN
DBEN
250
m4
Delay Time
tDD
Data bus (read)
170
ns
tTxD
Transmit serial data
250
ns
tDBEND
DBEN to DBEN delay
200
tDF
Data bus float time (read)
150
ns
f
Clock (RxC, TxC) frequency
2.0
MHz
tCLK1
Clock high (MM = 0)
165
tCLK2
Clock high (MM = 1)
240
ns
tCLK0
Clock low
240
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified. See ordering code table for applicable temperature
range and operating supply range.
2. All voltage measurements are referenced to ground. All time measurements are at 0.8V or 2.0V. Input voltage levels for testing are 0.4V and
2.4V.
3. Output load CL = 100pF.
4. m = TxC low and applies to writing to TDSRH only.
TIMING DIAGRAMS
RESET
tRES
RESET
RESET AND WRITE DATA BUS
tDBEN
tACS
DBEN
A0, A2
tACH
tACS
tACH
CE, R/W,
BYTE
tDF
tDD
FLOATING
VALID
VALID
FLOATING
NOT
D0–D15
(READ)
tDS
tDH
D0–D15
(WRITE)
SD00065
Figure 10. Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com